Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 152 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 152 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 148Page - STMicroelectronics STM32H742II Datasheet HTML 149Page - STMicroelectronics STM32H742II Datasheet HTML 150Page - STMicroelectronics STM32H742II Datasheet HTML 151Page - STMicroelectronics STM32H742II Datasheet HTML 152Page - STMicroelectronics STM32H742II Datasheet HTML 153Page - STMicroelectronics STM32H742II Datasheet HTML 154Page - STMicroelectronics STM32H742II Datasheet HTML 155Page - STMicroelectronics STM32H742II Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 357 page
background image
Electrical characteristics (rev Y)
STM32H742xI/G STM32H743xI/G
152/357
DS12110 Rev 10
Figure 27. Asynchronous multiplexed PSRAM/NOR write waveforms
NBL
Data
FMC_ NEx
FMC_ NBL[1:0]
FMC_ AD[15:0]
tv(BL_NE)
th(Data_NWE)
FMC_NOE
Address
FMC_ A[25:16]
tv(A_NE)
tw(NWE)
FMC_NWE
tv(NWE_NE)
t h(NE_NWE)
th(A_NWE)
th(BL_NWE)
t v(A_NE)
tw(NE)
MS32756V1
Address
FMC_NADV
t v(NADV_NE)
tw(NADV)
tv(Data_NADV)
th(AD_NADV)
FMC_NWAIT
tsu(NWAIT_NE)
th(NE_NWAIT)
Table 72. Asynchronous multiplexed PSRAM/NOR write timings(1)
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
4Tfmc_ker_c − 14Tfmc_ker_ck
ns
tv(NWE_NE) FMC_NEx low to FMC_NWE low
Tfmc_ker_c − 1Tfmc_ker_ck + 0.5
tw(NWE)
FMC_NWE low time
2Tfmc_ker_ck− 0.5 2Tfmc_ker_ck+ 0.5
th(NE_NWE) FMC_NWE high to FMC_NE high hold time
Tfmc_ker_ck − 0.5
-
tv(A_NE)
FMC_NEx low to FMC_A valid
-
0
tv(NADV_NE) FMC_NEx low to FMC_NADV low
0
0.5
tw(NADV)
FMC_NADV low time
Tfmc_ker_ck
Tfmc_ker_ck+ 1
th(AD_NADV) FMC_AD(address) valid hold time after FMC_NADV high Tfmc_ker_ck+0.5
-
th(A_NWE)
Address hold time after FMC_NWE high
Tfmc_ker_ck+0.5
-
th(BL_NWE) FMC_BL hold time after FMC_NWE high
Tfmc_ker_ck − 0.5
-
tv(BL_NE)
FMC_NEx low to FMC_BL valid
-
0.5
tv(Data_NADV) FMC_NADV high to Data valid
-
Tfmc_ker_ck + 2
th(Data_NWE) Data hold time after FMC_NWE high
Tfmc_ker_ck+0.5
-
1. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com