Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 205 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 205 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 201Page - STMicroelectronics STM32H742II Datasheet HTML 202Page - STMicroelectronics STM32H742II Datasheet HTML 203Page - STMicroelectronics STM32H742II Datasheet HTML 204Page - STMicroelectronics STM32H742II Datasheet HTML 205Page - STMicroelectronics STM32H742II Datasheet HTML 206Page - STMicroelectronics STM32H742II Datasheet HTML 207Page - STMicroelectronics STM32H742II Datasheet HTML 208Page - STMicroelectronics STM32H742II Datasheet HTML 209Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 357 page
background image
DS12110 Rev 10
205/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev Y)
320
Figure 63. Ethernet MII timing diagram
6.3.33
JTAG/SWD interface characteristics
Unless otherwise specified, the parameters given in Table 117 and Table 118 for JTAG/SWD
are derived from tests performed under the ambient temperature, frcc_c_ck frequency and
VDD supply voltage summarized in Table 24: General operating conditions, with the
following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 0x10
•
Capacitive load C=30 pF
•
Measurement points are done at CMOS levels: 0.5VDD
Refer to Section 6.3.15: I/O port characteristics for more details on the input/output
characteristics.
Table 116. Dynamics characteristics: Ethernet MAC signals for MII(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Min
Typ
Max
Unit
tsu(RXD) Receive data setup time
2
-
-
ns
tih(RXD)
Receive data hold time
3
-
-
tsu(DV)
Data valid setup time
1.5
-
-
tih(DV)
Data valid hold time
1
-
-
tsu(ER)
Error setup time
1.5
-
-
tih(ER)
Error hold time
0.5
-
-
td(TXEN) Transmit enable valid delay time
4.5
6.5
11
td(TXD)
Transmit data valid delay time
7
7.5
15
ai15668b
MII_RX_CLK
MII_RXD[3:0]
MII_RX_DV
MII_RX_ER
td(TXEN)
td(TXD)
tsu(RXD)
tsu(ER)
tsu(DV)
tih(RXD)
tih(ER)
tih(DV)
MII_TX_CLK
MII_TX_EN
MII_TXD[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com