Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 228 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 228 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 224Page - STMicroelectronics STM32H742II Datasheet HTML 225Page - STMicroelectronics STM32H742II Datasheet HTML 226Page - STMicroelectronics STM32H742II Datasheet HTML 227Page - STMicroelectronics STM32H742II Datasheet HTML 228Page - STMicroelectronics STM32H742II Datasheet HTML 229Page - STMicroelectronics STM32H742II Datasheet HTML 230Page - STMicroelectronics STM32H742II Datasheet HTML 231Page - STMicroelectronics STM32H742II Datasheet HTML 232Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 357 page
background image
Electrical characteristics (rev V)
STM32H742xI/G STM32H743xI/G
228/357
DS12110 Rev 10
APB2
(continued)
SAI1 kernel
1.4
1.1
1.0
0.8
µA/MHz
SAI2 registers
1.5
1.3
1.2
1.0
SAI2 kernel
1.1
1.0
0.9
0.9
SAI3 registers
1.6
1.3
1.1
1.0
SAI3 kernel
1.1
1.2
1.1
0.9
DFSDM1 registers
6.5
5.8
5.2
4.7
DFSDM1 kernel
0.3
0.2
0.2
0.4
HRTIM
84.0
39.0
35.0
32.0
APB2 bridge
0.2
0.1
0.1
0.2
Total APB2
150
81
74
68
APB4
SYSCFG
0.9
1.0
0.7
0.8
LPUART1 registers
1.1
1.3
1.0
0.8
LPUART1 kernel
2.9
2.2
2.2
2.1
SPI6 registers
1.8
1.6
1.4
1.3
SPI6 kernel
0.4
0.4
0.5
0.3
I2C4 registers
0.9
0.7
0.7
0.4
I2C4 kernel
2.2
2.1
1.9
1.8
LPTIM2 registers
0.8
0.6
0.7
0.5
LPTIM2 kernel
2.3
2.1
1.8
1.4
LPTIM3 registers
0.7
0.7
0.7
0.4
LPTIM3 kernel
2.1
1.7
1.6
1.5
LPTIM4 registers
0.8
0.4
0.6
0.4
LPTIM4 kernel
2.2
2.0
1.7
1.5
LPTIM5 registers
0.5
0.4
0.6
0.4
LPTIM5 kernel
2.0
1.8
1.5
1.2
COMP12
0.6
0.4
0.5
0.2
VREF
0.4
0.2
0.2
0.1
RTC
1.1
0.9
1.0
0.6
SAI4 registers
1.7
1.4
1.3
1.0
SAI4 kernel
2.0
2.0
1.8
1.6
APB4 bridge
0.1
0.1
0.1
0.1
Total APB4
28
24.4
22.4
18.9
Table 137. Peripheral current consumption in Run mode (continued)
Bus
Peripheral
VOS0
VOS1
VOS2
VOS3
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com