Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 247 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 247 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 243Page - STMicroelectronics STM32H742II Datasheet HTML 244Page - STMicroelectronics STM32H742II Datasheet HTML 245Page - STMicroelectronics STM32H742II Datasheet HTML 246Page - STMicroelectronics STM32H742II Datasheet HTML 247Page - STMicroelectronics STM32H742II Datasheet HTML 248Page - STMicroelectronics STM32H742II Datasheet HTML 249Page - STMicroelectronics STM32H742II Datasheet HTML 250Page - STMicroelectronics STM32H742II Datasheet HTML 251Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 357 page
background image
DS12110 Rev 10
247/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev V)
320
Table 159. Output voltage characteristics for PC13, PC14, PC15 and PI8(1)
Symbol
Parameter
Conditions(3)
Min
Max
Unit
VOL
Output low level voltage
CMOS port(2)
IIO=3 mA
2.7 V≤ VDD ≤3.6 V
-0.4
V
VOH
Output high level voltage
CMOS port(2)
IIO=-3 mA
2.7 V≤ VDD ≤3.6 V
VDD−0.4
-
VOL(3)
Output low level voltage
TTL port(2)
IIO=3 mA
2.7 V≤ VDD ≤3.6 V
-0.4
VOH(2)
Output high level voltage
TTL port(2)
IIO=-3 mA
2.7 V≤ VDD ≤3.6 V
2.4
-
VOL(2)
Output low level voltage
IIO=1.5 mA
1.62 V≤ VDD ≤3.6 V
-0.4
VOH(2)
Output high level voltage
IIO=-1.5 mA
1.62 V≤ VDD ≤3.6 V
VDD−0.4
-
1. The IIO current sourced or sunk by the device must always respect the absolute maximum rating specified in Table 119:
Voltage characteristics, and the sum of the currents sourced or sunk by all the I/Os (I/O ports and control pins) must always
respect the absolute maximum ratings ΣIIO.
2. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
3. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com