Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 258 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 258 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 254Page - STMicroelectronics STM32H742II Datasheet HTML 255Page - STMicroelectronics STM32H742II Datasheet HTML 256Page - STMicroelectronics STM32H742II Datasheet HTML 257Page - STMicroelectronics STM32H742II Datasheet HTML 258Page - STMicroelectronics STM32H742II Datasheet HTML 259Page - STMicroelectronics STM32H742II Datasheet HTML 260Page - STMicroelectronics STM32H742II Datasheet HTML 261Page - STMicroelectronics STM32H742II Datasheet HTML 262Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 357 page
background image
Electrical characteristics (rev V)
STM32H742xI/G STM32H743xI/G
258/357
DS12110 Rev 10
Synchronous waveforms and timings
Figure 80 through Figure 83 represent synchronous waveforms and Table 171 through
Table 174 provide the corresponding timings. The results shown in these tables are
obtained with the following FMC configuration:
•
BurstAccessMode = FMC_BurstAccessMode_Enable
•
MemoryType = FMC_MemoryType_CRAM
•
WriteBurst = FMC_WriteBurst_Enable
•
CLKDivision = 1
•
DataLatency = 1 for NOR flash; DataLatency = 0 for PSRAM
Table 169. Asynchronous multiplexed PSRAM/NOR write timings(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
4Tfmc_ker_ck –1
4Tfmc_ker_ck
ns
tv(NWE_NE)
FMC_NEx low to FMC_NWE low
Tfmc_ker_ck –1
Tfmc_ker_ck +0.5
tw(NWE)
FMC_NWE low time
2Tfmc_ker_ck –0.5 2Tfmc_ker_ck +0.5
th(NE_NWE)
FMC_NWE high to FMC_NE high hold
time
Tfmc_ker_ck –0.5
-
tv(A_NE)
FMC_NEx low to FMC_A valid
-
0
tv(NADV_NE)
FMC_NEx low to FMC_NADV low
0
0.5
tw(NADV)
FMC_NADV low time
Tfmc_ker_ck
Tfmc_ker_ck + 1
th(AD_NADV)
FMC_AD(adress) valid hold time after
FMC_NADV high)
Tfmc_ker_ck +0.5
-
th(A_NWE)
Address hold time after FMC_NWE
high
Tfmc_ker_ck +0.5
-
th(BL_NWE)
FMC_BL hold time after FMC_NWE
high
Tfmc_ker_ck – 0.5
-
tv(BL_NE)
FMC_NEx low to FMC_BL valid
-
0.5
tv(Data_NADV)
FMC_NADV high to Data valid
-
Tfmc_ker_ck +2
th(Data_NWE)
Data hold time after FMC_NWE high
Tfmc_ker_ck +0.5
-
Table 170. Asynchronous multiplexed PSRAM/NOR write-NWAIT timings(1)(2)
1. Guaranteed by characterization results.
2. NWAIT pulse width is equal to 1 AHB cycle.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
9Tfmc_ker_ck –1
9Tfmc_ker_ck
ns
tw(NWE)
FMC_NWE low time
7Tfmc_ker_ck –0.5
7Tfmc_ker_ck +0.5
tsu(NWAIT_NE)
FMC_NWAIT valid before FMC_NEx
high
5Tfmc_ker_ck +11
-
th(NE_NWAIT)
FMC_NEx hold time after
FMC_NWAIT invalid
4Tfmc_ker_ck +11.5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com