Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 269 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 269 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 265Page - STMicroelectronics STM32H742II Datasheet HTML 266Page - STMicroelectronics STM32H742II Datasheet HTML 267Page - STMicroelectronics STM32H742II Datasheet HTML 268Page - STMicroelectronics STM32H742II Datasheet HTML 269Page - STMicroelectronics STM32H742II Datasheet HTML 270Page - STMicroelectronics STM32H742II Datasheet HTML 271Page - STMicroelectronics STM32H742II Datasheet HTML 272Page - STMicroelectronics STM32H742II Datasheet HTML 273Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 357 page
background image
DS12110 Rev 10
269/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev V)
320
Figure 87. NAND controller waveforms for common memory write access
Table 175. Switching characteristics for NAND flash read cycles(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
tw(N0E)
FMC_NOE low width
4Tfmc_ker_ck – 0.5
4Tfmc_ker_ck+0.5
ns
tsu(D-NOE)
FMC_D[15-0] valid data before
FMC_NOE high
8-
th(NOE-D)
FMC_D[15-0] valid data after
FMC_NOE high
0-
td(ALE-NOE) FMC_ALE valid before FMC_NOE low
-
3Tfmc_ker_ck +1
th(NOE-ALE) FMC_NWE high to FMC_ALE invalid
4Tfmc_ker_ck –2
-
Table 176. Switching characteristics for NAND flash write cycles(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
tw(NWE)
FMC_NWE low width
4Tfmc_ker_ck – 0.5
4Tfmc_ker_ck +0.5
ns
tv(NWE-D)
FMC_NWE low to FMC_D[15-0]
valid
0-
th(NWE-D)
FMC_NWE high to FMC_D[15-0]
invalid
2Tfmc_ker_ck – 0.5
-
td(D-NWE)
FMC_D[15-0] valid before
FMC_NWE high
5Tfmc_ker_ck – 1
-
td(ALE-NWE)
FMC_ALE valid before FMC_NWE
low
-3Tfmc_ker_ck +0.5
th(NWE-ALE)
FMC_NWE high to FMC_ALE
invalid
2Tfmc_ker_ck – 1
-
MS32770V1
tw(NWE)
th(NWE-D)
tv(NWE-D)
FMC_NWE
FMC_N OE
FMC_D[15:0]
td(D-NWE)
ALE (FMC_A17)
CLE (FMC_A16)
FMC_NCEx
td(ALE-NOE)
th(NOE-ALE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com