Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 276 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 276 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 272Page - STMicroelectronics STM32H742II Datasheet HTML 273Page - STMicroelectronics STM32H742II Datasheet HTML 274Page - STMicroelectronics STM32H742II Datasheet HTML 275Page - STMicroelectronics STM32H742II Datasheet HTML 276Page - STMicroelectronics STM32H742II Datasheet HTML 277Page - STMicroelectronics STM32H742II Datasheet HTML 278Page - STMicroelectronics STM32H742II Datasheet HTML 279Page - STMicroelectronics STM32H742II Datasheet HTML 280Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 357 page
background image
Electrical characteristics (rev V)
STM32H742xI/G STM32H743xI/G
276/357
DS12110 Rev 10
Figure 91. Quad-SPI timing diagram - DDR mode
7.3.19
Delay block (DLYB) characteristics
Unless otherwise specified, the parameters given in Table 183 for Delay Block are derived
from tests performed under the ambient temperature, frcc_c_ck frequency and VDD supply
voltage summarized in Table 122: General operating conditions, with the following
configuration:
7.3.20
16-bit ADC characteristics
Unless otherwise specified, the parameters given in Table 184 are derived from tests
performed under the ambient temperature, fPCLK2 frequency and VDDA supply voltage
conditions summarized in Table 122: General operating conditions.
MSv36879V3
Data output
IO0
IO2
IO4
Clock
Data input
IO0
IO2
IO4
t(CLK)
tw(CLKH)
tw(CLKL)
tr(CLK)
tf(CLK)
tsf(IN) thf(IN)
tvf(OUT)
thr(OUT)
IO1
IO3
IO5
IO1
IO3
IO5
tvr(OUT)
thf(OUT)
tsr(IN) thr(IN)
Table 183. Delay Block characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tinit
Initial delay
-
1400
2200
2400
ps
t∆
Unit Delay
-
35
40
45
-
Table 184. ADC characteristics(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply
voltage for ADC
ON
-1.62
-
3.6
V
VREF+
Positive reference
voltage
-1.62
-
VDDA
V
VREF-
Negative
reference voltage
-VSSA
V
fADC
ADC clock
frequency
1.62 V ≤ VDDA ≤ 3.6 V
BOOST = 11
0.12
-
50
MHz
BOOST = 10
0.12
-
25
BOOST = 01
0.12
-
12.5
BOOST = 00
-
-
6.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com