Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 287 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 287 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 283Page - STMicroelectronics STM32H742II Datasheet HTML 284Page - STMicroelectronics STM32H742II Datasheet HTML 285Page - STMicroelectronics STM32H742II Datasheet HTML 286Page - STMicroelectronics STM32H742II Datasheet HTML 287Page - STMicroelectronics STM32H742II Datasheet HTML 288Page - STMicroelectronics STM32H742II Datasheet HTML 289Page - STMicroelectronics STM32H742II Datasheet HTML 290Page - STMicroelectronics STM32H742II Datasheet HTML 291Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 357 page
background image
DS12110 Rev 10
287/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev V)
320
2. TBD stands for “to be defined”.
3. In buffered mode, the output can overshoot above the final value for low input code (starting from the minimum value).
4. TON is the refresh phase duration, while TOFF is the hold phase duration. Refer to the product reference manual for more
details.
Table 188. DAC accuracy(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DNL
Differential non
linearity(2)
DAC output buffer ON
−2-
2
LSB
DAC output buffer OFF
−2-
2
-
Monotonicity
10 bits
-
-
-
-
INL
Integral non linearity(3)
DAC output buffer ON, CL ≤ 50 pF,
RL ≥ 5 ㏀
−4-
4
LSB
DAC output buffer OFF,
CL ≤ 50 pF, no RL
−4-
4
Offset
Offset error at code
0x800 (3)
DAC output
buffer ON,
CL ≤ 50 pF,
RL ≥ 5 ㏀
VREF+ = 3.6 V
-
-
±15
LSB
VREF+ = 1.8 V
-
-
±30
DAC output buffer OFF,
CL ≤ 50 pF, no RL
--
±8
Offset1
Offset error at code
0x001(4)
DAC output buffer OFF,
CL ≤ 50 pF, no RL
--
±5
LSB
OffsetCal
Offset error at code
0x800 after factory
calibration
DAC output
buffer ON,
CL ≤ 50 pF,
RL ≥ 5 ㏀
VREF+ = 3.6 V
-
-
±6
LSB
VREF+ = 1.8 V
-
-
±7
Gain
Gain error(5)
DAC output buffer ON,CL ≤ 50 pF,
RL ≥ 5 ㏀
--
±1
%
DAC output buffer OFF,
CL ≤ 50 pF, no RL
--
±1
SNR
Signal-to-noise ratio(6)
DAC output buffer ON,CL ≤ 50 pF,
RL ≥ 5 ㏀ , 1 kHz, BW = 500 KHz
-
67.8
-
dB
DAC output buffer OFF,
CL ≤ 50 pF, no RL,1 kHz, BW =
500 KHz
-
67.8
-
THD
Total harmonic
distortion(6)
DAC output buffer ON, CL ≤ 50 pF,
RL ≥ 5 ㏀ , 1 kHz
-
−78.6
-
dB
DAC output buffer OFF,
CL ≤ 50 pF, no RL, 1 kHz
-
−78.6
-
SINAD
Signal-to-noise and
distortion ratio(6)
DAC output buffer ON, CL ≤ 50 pF,
RL ≥ 5 ㏀ , 1 kHz
-
67.5
-
dB
DAC output buffer OFF,
CL ≤ 50 pF, no RL, 1 kHz
-
67.5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com