Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5604 Datasheet(PDF) 101 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5604
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5604 Datasheet(HTML) 101 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5604 Datasheet HTML 97Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 98Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 99Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 100Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 101Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 102Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 103Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 104Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 105Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 377 page
background image
Operation:
DJNZ
(PC) ← (PC) + 2
← (PC) + 2
(PC) + 2
(direct) ← (direct) – 1
← (direct) – 1
(direct) – 1
IF (direct) > 0 or (direct) < 0
THEN
(PC) ← (PC) + rel
← (PC) + rel
(PC) + rel
INC
<byte>
Function:
Increment
Description:
INC increments the indicated variable by 1. An original value of 0FFH will overflow to
00H.No flags are affected. Three addressing modes are allowed: register, direct, or register-
indirect.
Note: When this instruction is used to modify an output port, the value used as the original
port data will be read from the output data latch, not the input pins.
Example:
Register 0 contains 7EH (011111110B). Internal RAM locations 7EH and 7FH contain 0FFH
and 40H, respectively. The instruction sequence,
INC @R0
INC
R0
INC @R0
will leave register 0 set to 7FH and internal RAM locations 7EH and 7FH holding
(respectively) 00H and 41H.
INC
A
Bytes:
1
Cycles:
1
Encoding:
0 0 0 0
0 1 0 0
Operation:
INC
(A) ← (A)+1
← (A)+1
INC
Rn
Bytes:
1
Cycles:
1
Encoding:
0 0 0 0
1 r r r
Operation:
INC
(Rn) ← (Rn)+1
← (Rn)+1
INC
direct
Bytes:
2
Cycles:
1
Encoding:
0 0 0 0
0 1 0 1
direct address
Operation:
INC
(direct)←(direct)
←(direct)
(direct)
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com