Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APEX20K Datasheet(PDF) 52 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 52 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 48Page - Altera Corporation APEX20K Datasheet HTML 49Page - Altera Corporation APEX20K Datasheet HTML 50Page - Altera Corporation APEX20K Datasheet HTML 51Page - Altera Corporation APEX20K Datasheet HTML 52Page - Altera Corporation APEX20K Datasheet HTML 53Page - Altera Corporation APEX20K Datasheet HTML 54Page - Altera Corporation APEX20K Datasheet HTML 55Page - Altera Corporation APEX20K Datasheet HTML 56Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 117 page
background image
52
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
Notes to Table 16:
(1)
To implement the ClockLock and ClockBoost circuitry with the Quartus II software, designers must specify the
input frequency. The Quartus II software tunes the PLL in the ClockLock and ClockBoost circuitry to this frequency.
The fCLKDEV parameter specifies how much the incoming clock can differ from the specified frequency during
device operation. Simulation does not reflect this parameter.
(2)
Twenty-five thousand parts per million (PPM) equates to 2.5% of input clock period.
(3)
During device configuration, the ClockLock and ClockBoost circuitry is configured before the rest of the device. If
the incoming clock is supplied during configuration, the ClockLock and ClockBoost circuitry locks during
configuration because the tLOCK value is less than the time required for configuration.
(4)
The tJITTER specification is measured under long-term observation.
Tables 17 and 18 summarize the ClockLock and ClockBoost parameters
for APEX 20KE devices.
Table 17. APEX 20KE ClockLock & ClockBoost Parameters
Note (1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tR
Input rise time
5ns
tF
Input fall time
5ns
tINDUTY
Input duty cycle
40
60
%
tINJITTER
Input jitter peak-to-peak
2
% of input
period
peak-to-
peak
tOUTJITTER
Jitter on ClockLock or ClockBoost-
generated clock
0.35
% of
output period
RMS
tOUTDUTY
Duty cycle for ClockLock or
ClockBoost-generated clock
45
55
%
tLOCK (2), (3)
Time required for ClockLock or
ClockBoost to acquire lock
40
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com