Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APEX20K Datasheet(PDF) 31 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 31 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 27Page - Altera Corporation APEX20K Datasheet HTML 28Page - Altera Corporation APEX20K Datasheet HTML 29Page - Altera Corporation APEX20K Datasheet HTML 30Page - Altera Corporation APEX20K Datasheet HTML 31Page - Altera Corporation APEX20K Datasheet HTML 32Page - Altera Corporation APEX20K Datasheet HTML 33Page - Altera Corporation APEX20K Datasheet HTML 34Page - Altera Corporation APEX20K Datasheet HTML 35Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 117 page
background image
Altera Corporation
31
APEX 20K Programmable Logic Device Family Data Sheet
Figure 18. Deep Memory Block Implemented with Multiple ESBs
The ESB implements two forms of dual-port memory: read/write clock
mode and input/output clock mode. The ESB can also be used for
bidirectional, dual-port memory applications in which two ports read or
write simultaneously. To implement this type of dual-port memory, two
or four ESBs are used to support two simultaneous reads or writes. This
functionality is shown in Figure 19.
Figure 19. APEX 20K ESB Implementing Dual-Port RAM
ESB
ESB
ESB
to System Logic
Address Decoder
Port A
Port B
address_a[]
address_b[]
data_a[]
data_b[]
we_a
we_b
clkena_a
clkena_b
Clock A
Clock B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com