Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APEX20K Datasheet(PDF) 1 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 1 Page - Altera Corporation

  APEX20K Datasheet HTML 1Page - Altera Corporation APEX20K Datasheet HTML 2Page - Altera Corporation APEX20K Datasheet HTML 3Page - Altera Corporation APEX20K Datasheet HTML 4Page - Altera Corporation APEX20K Datasheet HTML 5Page - Altera Corporation APEX20K Datasheet HTML 6Page - Altera Corporation APEX20K Datasheet HTML 7Page - Altera Corporation APEX20K Datasheet HTML 8Page - Altera Corporation APEX20K Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 117 page
background image
Altera Corporation
1
APEX 20K
Programmable Logic
Device Family
March 2004, ver. 5.1
Data Sheet
DS-APEX20K-5.1
Features
■
Industry’s first programmable logic device (PLD) incorporating
system-on-a-programmable-chip (SOPC) integration
–MultiCoreTM architecture integrating look-up table (LUT) logic,
product-term logic, and embedded memory
–
LUT logic used for register-intensive functions
–
Embedded system block (ESB) used to implement memory
functions, including first-in first-out (FIFO) buffers, dual-port
RAM, and content-addressable memory (CAM)
–
ESB implementation of product-term logic used for
combinatorial-intensive functions
■
High density
–
30,000 to 1.5 million typical gates (see Tables 1 and 2)
–
Up to 51,840 logic elements (LEs)
–
Up to 442,368 RAM bits that can be used without reducing
available logic
–
Up to 3,456 product-term-based macrocells
Table 1. APEX 20K Device Features
Note (1)
Feature
EP20K30E
EP20K60E
EP20K100
EP20K100E
EP20K160E
EP20K200
EP20K200E
Maximum
system
gates
113,000
162,000
263,000
263,000
404,000
526,000
526,000
Typical
gates
30,000
60,000
100,000
100,000
160,000
200,000
200,000
LEs
1,200
2,560
4,160
4,160
6,400
8,320
8,320
ESBs
12
16
26
26
40
52
52
Maximum
RAM bits
24,576
32,768
53,248
53,248
81,920
106,496
106,496
Maximum
macrocells
192
256
416
416
640
832
832
Maximum
user I/O
pins
128
196
252
246
316
382
376


Similar Part No. - APEX20K

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
APEX20KC ALTERA-APEX20KC Datasheet
620Kb / 90P
Programmable Logic Device
More results

Similar Description - APEX20K

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
Programmable Logic Device Family
EPF6016ATI144-3N ALTERA-EPF6016ATI144-3N Datasheet
405Kb / 52P
Programmable Logic Device Family
EPM7064SLC44-10 ALTERA-EPM7064SLC44-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7128SLC84-10 ALTERA-EPM7128SLC84-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7128STC100-10 ALTERA-EPM7128STC100-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com