Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APEX20K Datasheet(PDF) 14 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 14 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 10Page - Altera Corporation APEX20K Datasheet HTML 11Page - Altera Corporation APEX20K Datasheet HTML 12Page - Altera Corporation APEX20K Datasheet HTML 13Page - Altera Corporation APEX20K Datasheet HTML 14Page - Altera Corporation APEX20K Datasheet HTML 15Page - Altera Corporation APEX20K Datasheet HTML 16Page - Altera Corporation APEX20K Datasheet HTML 17Page - Altera Corporation APEX20K Datasheet HTML 18Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 117 page
background image
14
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
Each LE has two outputs that drive the local, MegaLAB, or FastTrack
Interconnect routing structure. Each output can be driven independently
by the LUT’s or register’s output. For example, the LUT can drive one
output while the register drives the other output. This feature, called
register packing, improves device utilization because the register and the
LUT can be used for unrelated functions. The LE can also drive out
registered and unregistered versions of the LUT output.
The APEX 20K architecture provides two types of dedicated high-speed
data paths that connect adjacent LEs without using local interconnect
paths: carry chains and cascade chains. A carry chain supports high-speed
arithmetic functions such as counters and adders, while a cascade chain
implements wide-input functions such as equality comparators with
minimum delay. Carry and cascade chains connect LEs 1 through 10 in an
LAB and all LABs in the same MegaLAB structure.
Carry Chain
The carry chain provides a very fast carry-forward function between LEs.
The carry-in signal from a lower-order bit drives forward into the higher-
order bit via the carry chain, and feeds into both the LUT and the next
portion of the carry chain. This feature allows the APEX 20K architecture
to implement high-speed counters, adders, and comparators of arbitrary
width. Carry chain logic can be created automatically by the Quartus II
software Compiler during design processing, or manually by the designer
during design entry. Parameterized functions such as library of
parameterized modules (LPM) and DesignWare functions automatically
take advantage of carry chains for the appropriate functions.
The Quartus II software Compiler creates carry chains longer than ten LEs
by linking LABs together automatically. For enhanced fitting, a long carry
chain skips alternate LABs in a MegaLAB™ structure. A carry chain longer
than one LAB skips either from an even-numbered LAB to the next even-
numbered LAB, or from an odd-numbered LAB to the next odd-
numbered LAB. For example, the last LE of the first LAB in the upper-left
MegaLAB structure carries to the first LE of the third LAB in the
MegaLAB structure.
Figure 6 shows how an n-bit full adder can be implemented in n + 1 LEs
with the carry chain. One portion of the LUT generates the sum of two bits
using the input signals and the carry-in signal; the sum is routed to the
output of the LE. The register can be bypassed for simple adders or used
for accumulator functions. Another portion of the LUT and the carry chain
logic generates the carry-out signal, which is routed directly to the carry-
in signal of the next-higher-order bit. The final carry-out signal is routed
to an LE, where it is driven onto the local, MegaLAB, or FastTrack
Interconnect routing structures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com