Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APEX20K Datasheet(PDF) 36 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 36 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 32Page - Altera Corporation APEX20K Datasheet HTML 33Page - Altera Corporation APEX20K Datasheet HTML 34Page - Altera Corporation APEX20K Datasheet HTML 35Page - Altera Corporation APEX20K Datasheet HTML 36Page - Altera Corporation APEX20K Datasheet HTML 37Page - Altera Corporation APEX20K Datasheet HTML 38Page - Altera Corporation APEX20K Datasheet HTML 39Page - Altera Corporation APEX20K Datasheet HTML 40Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 117 page
background image
36
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
f For more information on APEX 20KE devices and CAM, see Application
Note 119 (Implementing High-Speed Search Applications with APEX CAM).
Driving Signals to the ESB
ESBs provide flexible options for driving control signals. Different clocks
can be used for the ESB inputs and outputs. Registers can be inserted
independently on the data input, data output, read address, write
address, WE, and RE signals. The global signals and the local interconnect
can drive the WE and RE signals. The global signals, dedicated clock pins,
and local interconnect can drive the ESB clock signals. Because the LEs
drive the local interconnect, the LEs can control the WE and RE signals and
the ESB clock, clock enable, and asynchronous clear signals. Figure 24
shows the ESB control signal generation logic.
Figure 24. ESB Control Signal Generation
Note to Figure 24:
(1)
APEX 20KE devices have four dedicated clocks.
An ESB is fed by the local interconnect, which is driven by adjacent LEs
(for high-speed connection to the ESB) or the MegaLAB interconnect. The
ESB can drive the local, MegaLAB, or FastTrack Interconnect routing
structure to drive LEs and IOEs in the same MegaLAB structure or
anywhere in the device.
RDEN
WREN
INCLOCK
INCLKENA
OUTCLOCK
OUTCLKENA
Dedicated
Clocks
Global
Signals
Local
Interconnect
Local
Interconnect
Local
Interconnect
Local
Interconnect
2 or 4
4
Local
Interconnect
Local
Interconnect
INCLR OUTCLR
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com