Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APEX20K Datasheet(PDF) 24 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 24 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 20Page - Altera Corporation APEX20K Datasheet HTML 21Page - Altera Corporation APEX20K Datasheet HTML 22Page - Altera Corporation APEX20K Datasheet HTML 23Page - Altera Corporation APEX20K Datasheet HTML 24Page - Altera Corporation APEX20K Datasheet HTML 25Page - Altera Corporation APEX20K Datasheet HTML 26Page - Altera Corporation APEX20K Datasheet HTML 27Page - Altera Corporation APEX20K Datasheet HTML 28Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 117 page
background image
24
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
Figure 12. APEX 20KE FastRow Interconnect
Table 9 summarizes how various elements of the APEX 20K architecture
drive each other.
IOE
IOE
IOE
IOE
FastRow Interconnect
Drives Local Interconnect
in Two MegaLAB Structures
MegaLAB
MegaLAB
Local
Interconnect
Select Vertical I/O Pins
Drive Local Interconnect
and FastRow
Interconnect
FastRow
Interconnect
LEs
LABs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com