Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APEX20K Datasheet(PDF) 40 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 40 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 36Page - Altera Corporation APEX20K Datasheet HTML 37Page - Altera Corporation APEX20K Datasheet HTML 38Page - Altera Corporation APEX20K Datasheet HTML 39Page - Altera Corporation APEX20K Datasheet HTML 40Page - Altera Corporation APEX20K Datasheet HTML 41Page - Altera Corporation APEX20K Datasheet HTML 42Page - Altera Corporation APEX20K Datasheet HTML 43Page - Altera Corporation APEX20K Datasheet HTML 44Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 117 page
background image
40
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
APEX 20KE devices include an enhanced IOE, which drives the FastRow
interconnect. The FastRow interconnect connects a column I/O pin
directly to the LAB local interconnect within two MegaLAB structures.
This feature provides fast setup times for pins that drive high fan-outs
with complex logic, such as PCI designs. For fast bidirectional I/O timing,
LE registers using local routing can improve setup times and OE timing.
The APEX 20KE IOE also includes direct support for open-drain
operation, giving faster clock-to-output for open-drain signals. Some
programmable delays in the APEX 20KE IOE offer multiple levels of delay
to fine-tune setup and hold time requirements. The Quartus II software
compiler can set these delays automatically to minimize setup time while
providing a zero hold time.
Table 11 describes the APEX 20KE programmable delays and their logic
options in the Quartus II software.
The register in the APEX 20KE IOE can be programmed to power-up high
or low after configuration is complete. If it is programmed to power-up
low, an asynchronous clear can control the register. If it is programmed to
power-up high, an asynchronous preset can control the register. Figure 26
shows how fast bidirectional I/O pins are implemented in APEX 20KE
devices. This feature is useful for cases where the APEX 20KE device
controls an active-low input or another device; it prevents inadvertent
activation of the input upon power-up.
Table 11. APEX 20KE Programmable Delay Chains
Programmable Delays
Quartus II Logic Option
Input Pin to Core Delay
Decrease input delay to internal cells
Input Pin to Input Register Delay
Decrease input delay to input registers
Core to Output Register Delay
Decrease input delay to output register
Output Register tCO Delay
Increase delay to output pin
Clock Enable Delay
Increase clock enable delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com