Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APEX20K Datasheet(PDF) 94 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 94 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 90Page - Altera Corporation APEX20K Datasheet HTML 91Page - Altera Corporation APEX20K Datasheet HTML 92Page - Altera Corporation APEX20K Datasheet HTML 93Page - Altera Corporation APEX20K Datasheet HTML 94Page - Altera Corporation APEX20K Datasheet HTML 95Page - Altera Corporation APEX20K Datasheet HTML 96Page - Altera Corporation APEX20K Datasheet HTML 97Page - Altera Corporation APEX20K Datasheet HTML 98Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 117 page
background image
94
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
Tables 73 through 78 describe fMAX LE Timing Microparameters, fMAX
ESB Timing Microparameters, fMAX Routing Delays, Minimum Pulse
Width Timing Parameters, External Timing Parameters, and External
Bidirectional Timing Parameters for EP20K200E APEX 20KE devices.
Table 72. EP20K160E External Bidirectional Timing Parameters
Symbol
-1
-2
-3
Unit
Min
Max
Min
Max
Min
Max
tINSUB I DIR
2.86
3.24
3.54
ns
tINHBIDIR
0.00
0.00
0.00
ns
tOUTC OBIDIR
2.00
5.07
2.00
5.59
2.00
6.13
ns
tXZB I DIR
7.43
8.23
8.58
ns
tZXB I DIR
7.43
8.23
8.58
ns
tINSUB I DIRPL L
4.93
5.48
-
ns
tINHBIDIRP L L
0.00
0.00
-
ns
tOUTC OBIDIRP L L
0.50
3.00
0.50
3.35
-
-
ns
tXZB I DIRPL L
5.36
5.99
-
ns
tZXB I DIRPL L
5.36
5.99
-
ns
Table 73. EP20K200E fMAX LE Timing Microparameters
Symbol
-1
-2
-3
Unit
Min
Max
Min
Max
Min
Max
tSU
0.23
0.24
0.26
ns
tH
0.23
0.24
0.26
ns
tCO
0.26
0.31
0.36
ns
tLUT
0.70
0.90
1.14
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com