Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APEX20K Datasheet(PDF) 95 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 95 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 91Page - Altera Corporation APEX20K Datasheet HTML 92Page - Altera Corporation APEX20K Datasheet HTML 93Page - Altera Corporation APEX20K Datasheet HTML 94Page - Altera Corporation APEX20K Datasheet HTML 95Page - Altera Corporation APEX20K Datasheet HTML 96Page - Altera Corporation APEX20K Datasheet HTML 97Page - Altera Corporation APEX20K Datasheet HTML 98Page - Altera Corporation APEX20K Datasheet HTML 99Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 117 page
background image
Altera Corporation
95
APEX 20K Programmable Logic Device Family Data Sheet
Table 74. EP20K200E fMAX ESB Timing Microparameters
Symbol
-1
-2
-3
Unit
Min
Max
Min
Max
Min
Max
tESBARC
1.68
2.06
2.24
ns
tESBSRC
2.27
2.77
3.18
ns
tESBAWC
3.10
3.86
4.50
ns
tESBSWC
2.90
3.67
4.21
ns
tESBWASU
0.55
0.67
0.74
ns
tESBWAH
0.36
0.46
0.48
ns
tESBWDSU
0.69
0.83
0.95
ns
tESBWDH
0.36
0.46
0.48
ns
tESBRASU
1.61
1.90
2.09
ns
tESBRAH
0.00
0.00
0.01
ns
tESBWESU
1.42
1.71
2.01
ns
tESBWEH
0.00
0.00
0.00
ns
tESBDATASU
-0.06
-0.07
0.05
ns
tESBDATAH
0.13
0.13
0.13
ns
tESBWADDRSU
0.11
0.13
0.31
ns
tESBRADDRSU
0.18
0.23
0.39
ns
tESBDATACO1
1.09
1.35
1.51
ns
tESBDATACO2
2.19
2.75
3.22
ns
tESBDD
2.75
3.41
4.03
ns
tPD
1.58
1.97
2.33
ns
tPTERMSU
1.00
1.22
1.51
ns
tPTERMCO
1.10
1.37
1.09
ns
Table 75. EP20K200E fMAX Routing Delays
Symbol
-1
-2
-3
Unit
Min
Max
Min
Max
Min
Max
tF1-4
0.25
0.27
0.29
ns
tF5-20
1.02
1.20
1.41
ns
tF20+
1.99
2.23
2.53
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com