Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APEX20K Datasheet(PDF) 43 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 43 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 39Page - Altera Corporation APEX20K Datasheet HTML 40Page - Altera Corporation APEX20K Datasheet HTML 41Page - Altera Corporation APEX20K Datasheet HTML 42Page - Altera Corporation APEX20K Datasheet HTML 43Page - Altera Corporation APEX20K Datasheet HTML 44Page - Altera Corporation APEX20K Datasheet HTML 45Page - Altera Corporation APEX20K Datasheet HTML 46Page - Altera Corporation APEX20K Datasheet HTML 47Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 117 page
background image
Altera Corporation
43
APEX 20K Programmable Logic Device Family Data Sheet
Figure 28 shows how a column IOE connects to the interconnect.
Figure 28. Column IOE Connection to the Interconnect
Dedicated Fast I/O Pins
APEX 20KE devices incorporate an enhancement to support bidirectional
pins with high internal fanout such as PCI control signals. These pins are
called Dedicated Fast I/O pins (FAST1, FAST2, FAST3, and FAST4) and
replace dedicated inputs. These pins can be used for fast clock, clear, or
high fanout logic signal distribution. They also can drive out. The
Dedicated Fast I/O pin data output and tri-state control are driven by
local interconnect from the adjacent MegaLAB for high speed.
Row Interconnect
Column Interconnect
Each IOE can drive column interconnect. In APEX 20KE devices,
IOEs can also drive FastRow interconnect. Each IOE data
and OE signal is driven by local interconnect.
Any LE or ESB can drive
a column pin through a
row, column, and MegaLAB
interconnect.
IOE
IOE
LAB
An LE or ESB can drive a
pin through a local
interconnect for faster
clock-to-output times.
MegaLAB Interconnect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com