Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APEX20K Datasheet(PDF) 44 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 44 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 40Page - Altera Corporation APEX20K Datasheet HTML 41Page - Altera Corporation APEX20K Datasheet HTML 42Page - Altera Corporation APEX20K Datasheet HTML 43Page - Altera Corporation APEX20K Datasheet HTML 44Page - Altera Corporation APEX20K Datasheet HTML 45Page - Altera Corporation APEX20K Datasheet HTML 46Page - Altera Corporation APEX20K Datasheet HTML 47Page - Altera Corporation APEX20K Datasheet HTML 48Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 117 page
background image
44
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
Advanced I/O Standard Support
APEX 20KE IOEs support the following I/O standards: LVTTL,
LVCMOS, 1.8-V I/O, 2.5-V I/O, 3.3-V PCI, PCI-X, 3.3-V AGP, LVDS,
LVPECL, GTL+, CTT, HSTL Class I, SSTL-3 Class I and II, and SSTL-2
Class I and II.
f For more information on I/O standards supported by APEX 20KE
devices, see Application Note 117 (Using Selectable I/O Standards in Altera
Devices).
The APEX 20KE device contains eight I/O banks. In QFP packages, the
banks are linked to form four I/O banks. The I/O banks directly support
all standards except LVDS and LVPECL. All I/O banks can support LVDS
and LVPECL with the addition of external resistors. In addition, one block
within a bank contains circuitry to support high-speed True-LVDS and
LVPECL inputs, and another block within a particular bank supports
high-speed True-LVDS and LVPECL outputs. The LVDS blocks support
all of the I/O standards. Each I/O bank has its own VCCIO pins. A single
device can support 1.8-V, 2.5-V, and 3.3-V interfaces; each bank can
support a different standard independently. Each bank can also use a
separate VREF level so that each bank can support any of the terminated
standards (such as SSTL-3) independently. Within a bank, any one of the
terminated standards can be supported. EP20K300E and larger
APEX 20KE devices support the LVDS interface for data pins (smaller
devices support LVDS clock pins, but not data pins). All EP20K300E and
larger devices support the LVDS interface for data pins up to 155 Mbit per
channel; EP20K400E devices and larger with an X-suffix on the ordering
code add a serializer/deserializer circuit and PLL for higher-speed
support.
Each bank can support multiple standards with the same VCCIO for
output pins. Each bank can support one voltage-referenced I/O standard,
but it can support multiple I/O standards with the same VCCIO voltage
level. For example, when VCCIO is 3.3 V, a bank can support LVTTL,
LVCMOS, 3.3-V PCI, and SSTL-3 for inputs and outputs.
When the LVDS banks are not used as LVDS I/O banks, they support all
of the other I/O standards. Figure 29 shows the arrangement of the
APEX 20KE I/O banks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com