Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APEX20K Datasheet(PDF) 38 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 38 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 34Page - Altera Corporation APEX20K Datasheet HTML 35Page - Altera Corporation APEX20K Datasheet HTML 36Page - Altera Corporation APEX20K Datasheet HTML 37Page - Altera Corporation APEX20K Datasheet HTML 38Page - Altera Corporation APEX20K Datasheet HTML 39Page - Altera Corporation APEX20K Datasheet HTML 40Page - Altera Corporation APEX20K Datasheet HTML 41Page - Altera Corporation APEX20K Datasheet HTML 42Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 117 page
background image
38
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
Table 10 describes the APEX 20K programmable delays and their logic
options in the Quartus II software.
The Quartus II software compiler can program these delays automatically
to minimize setup time while providing a zero hold time. Figure 25 shows
how fast bidirectional I/Os are implemented in APEX 20K devices.
The register in the APEX 20K IOE can be programmed to power-up high
or low after configuration is complete. If it is programmed to power-up
low, an asynchronous clear can control the register. If it is programmed to
power-up high, the register cannot be asynchronously cleared or preset.
This feature is useful for cases where the APEX 20K device controls an
active-low input or another device; it prevents inadvertent activation of
the input upon power-up.
Table 10. APEX 20K Programmable Delay Chains
Programmable Delays
Quartus II Logic Option
Input pin to core delay
Decrease input delay to internal cells
Input pin to input register delay
Decrease input delay to input register
Core to output register delay
Decrease input delay to output register
Output register tCO delay
Increase delay to output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com