Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APEX20K Datasheet(PDF) 16 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 16 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 12Page - Altera Corporation APEX20K Datasheet HTML 13Page - Altera Corporation APEX20K Datasheet HTML 14Page - Altera Corporation APEX20K Datasheet HTML 15Page - Altera Corporation APEX20K Datasheet HTML 16Page - Altera Corporation APEX20K Datasheet HTML 17Page - Altera Corporation APEX20K Datasheet HTML 18Page - Altera Corporation APEX20K Datasheet HTML 19Page - Altera Corporation APEX20K Datasheet HTML 20Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 117 page
background image
16
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
Cascade Chain
With the cascade chain, the APEX 20K architecture can implement
functions with a very wide fan-in. Adjacent LUTs can compute portions
of a function in parallel; the cascade chain serially connects the
intermediate values. The cascade chain can use a logical AND or logical OR
(via De Morgan’s inversion) to connect the outputs of adjacent LEs. Each
additional LE provides four more inputs to the effective width of a
function, with a short cascade delay. Cascade chain logic can be created
automatically by the Quartus II software Compiler during design
processing, or manually by the designer during design entry.
Cascade chains longer than ten LEs are implemented automatically by
linking LABs together. For enhanced fitting, a long cascade chain skips
alternate LABs in a MegaLAB structure. A cascade chain longer than one
LAB skips either from an even-numbered LAB to the next even-numbered
LAB, or from an odd-numbered LAB to the next odd-numbered LAB. For
example, the last LE of the first LAB in the upper-left MegaLAB structure
carries to the first LE of the third LAB in the MegaLAB structure. Figure 7
shows how the cascade function can connect adjacent LEs to form
functions with a wide fan-in.
Figure 7. APEX 20K Cascade Chain
LE1
LUT
LE2
LUT
d[3..0]
d[7..4]
d[(4
n – 1)..(4n – 4)]
d[3..0]
d[7..4]
LE
n
LE1
LE2
LE
n
LUT
LUT
LUT
LUT
AND Cascade Chain
OR Cascade Chain
d[(4
n – 1)..(4n – 4)]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com