Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2733 Datasheet(PDF) 43 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 43 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 39Page - MPS Industries, Inc. MP2733 Datasheet HTML 40Page - MPS Industries, Inc. MP2733 Datasheet HTML 41Page - MPS Industries, Inc. MP2733 Datasheet HTML 42Page - MPS Industries, Inc. MP2733 Datasheet HTML 43Page - MPS Industries, Inc. MP2733 Datasheet HTML 44Page - MPS Industries, Inc. MP2733 Datasheet HTML 45Page - MPS Industries, Inc. MP2733 Datasheet HTML 46Page - MPS Industries, Inc. MP2733 Datasheet HTML 47Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
43
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
REG16h: JEITA Configuration
Bit
Name
POR
Reset by
REG_RST
Reset
by WTD
R/W
Description
Comment
7
JEITA_VSET
1
Y
Y
R/W
0: VBATT_REG minus
100mV
1: VBATT_REG minus
200mV
This bit is set to 1 by default.
6
JEITA_ISET
1
Y
Y
R/W
0: 50% of ICHG
1: 16.7% of ICHG
This bit is set to 1 by default.
5
VTH_HOT
1
Y
Y
R/W
0: 34.0% (60°C)
1: 36.0% (55°C)
Sets the hot threshold, which
is a percentage of VNTC.
This bit is set to 1 by default.
The thermistor is 103AT.
4
VTH_WARM[1]
0
Y
Y
R/W
00: 43.0% (40°C)
01: 40.0% (45°C)
10: 38.0% (50°C)
11: 36.0% (55°C)
These bits set the warm
threshold,
which
is
a
percentage of VNTC. They
are to 01 by default. The
thermistor is 103AT.
3
VTH_WARM[0]
1
Y
Y
R/W
2
VTH_COOL[1]
1
Y
Y
R/W
00: 72.0% (0°C)
01: 68.0% (5°C)
10: 64.0% (10°C)
11: 60.0% (15°C)
These
bits
set
the
cool
threshold,
which
is
a
percentage of VNTC. They
are to 11 by default. The
thermistor is 103AT.
1
VTH_COOL[0]
1
Y
Y
R/W
0
VTH_COLD
0
Y
Y
R/W
0: 72.0% (0°C)
1: 68% (5°C)
Sets
the
cold
threshold,
which is a percentage of
VNTC. This bit is set to 0 by
default. The thermistor is
103AT.
REG17h: Safety Timer Status
Bit
Name
POR
Reset by
REG_RST
Reset
by WTD
R/W
Description
Comment
7
SAFETY_TIMER
0
N
N
R
0: Normal
1: Safety timer expiration
This bit is set to 0 by default.
6
FAST_
CHARGE_
ADAPTER
0
N
N
R
0: Normal
1: Fast charge adapter
This bit is set to 0 by default.
5
OTG
0
N
N
R
0: Normal
1: On-the-Go (OTG)
This bit is set to 0 by default.
4
RESERVED
N/A
N/A
N/A
N/A
Reserved.
3
RESERVED
N/A
N/A
N/A
N/A
Reserved.
2
RESERVED
N/A
N/A
N/A
N/A
Reserved.
1
RESERVED
N/A
N/A
N/A
N/A
Reserved.
0
RESERVED
N/A
N/A
N/A
N/A
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com