Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2733 Datasheet(PDF) 28 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 28 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 24Page - MPS Industries, Inc. MP2733 Datasheet HTML 25Page - MPS Industries, Inc. MP2733 Datasheet HTML 26Page - MPS Industries, Inc. MP2733 Datasheet HTML 27Page - MPS Industries, Inc. MP2733 Datasheet HTML 28Page - MPS Industries, Inc. MP2733 Datasheet HTML 29Page - MPS Industries, Inc. MP2733 Datasheet HTML 30Page - MPS Industries, Inc. MP2733 Datasheet HTML 31Page - MPS Industries, Inc. MP2733 Datasheet HTML 32Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
28
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
low transition on the SDA line while SCL is high.
A stop condition is defined as a low-to-high
transition on the SDA line while the SCL is high
(see Figure 11).
SDA
SCL
Start (S)
Stop (P)
Figure 11: Start and Stop Conditions
For data validity, the data on the SDA line must
be stable during the high period of the clock. The
high or low state of the SDA line can only change
when the clock signal on the SCL line is low (see
Figure 12). Every byte on the SDA line must be
8 bits long. The number of bytes that can be
transmitted per transfer is unrestricted. Data is
first transferred with the most significant bit
(MSB).
Data line
stable
Data valid
Change
of data
allowed
SDA
SCL
Figure 12: Bit Transfer on the I2C Bus
Each byte has to be followed by an acknowledge
(ACK) bit, which is generated by the receiver to
signal to the transmitter that the byte was
successfully received.
The ACK signal occurs when the transmitter
releases the SDA line during the acknowledge
clock pulse. This allows the receiver to pull the
SDA line low. The SDA line stays low during the
high period of the ninth clock.
If the SDA line is high during the ninth clock, this
is defined as a not acknowledge (NACK) signal.
The master can then generate either a stop
condition to abort the transfer or a repeated start
(Sr) condition to start a new transfer.
After the start condition, a slave address is sent.
This address is 7 bits long, followed by the 8th
data direction bit (R/W). A 0 indicates a
transmission (write), and a 1 indicates a request
for data (read). Figure 13 shows the address bit
arrangement.
MSB
LSB
R/W
Slave Address
Figure 13: 7-Bit Address
Figure 14, Figure 15, Figure 16, Figure 17, and
Figure 18 show the complete data transfer
sequence.
SDA
SCL
Start or
Repeated
Start
Condition
MSB
Acknowledgement
signal from slave
1
2
7
8
9
ACK
1
2
8
9
ACK
Acknowledgement
signal from receiver
Stop or
Repeated
Start
Condition
Figure 14: Data Transfer on the I2C Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com