Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2733 Datasheet(PDF) 5 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 5 Page - MPS Industries, Inc.

  MP2733 Datasheet HTML 1Page - MPS Industries, Inc. MP2733 Datasheet HTML 2Page - MPS Industries, Inc. MP2733 Datasheet HTML 3Page - MPS Industries, Inc. MP2733 Datasheet HTML 4Page - MPS Industries, Inc. MP2733 Datasheet HTML 5Page - MPS Industries, Inc. MP2733 Datasheet HTML 6Page - MPS Industries, Inc. MP2733 Datasheet HTML 7Page - MPS Industries, Inc. MP2733 Datasheet HTML 8Page - MPS Industries, Inc. MP2733 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
5
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Type
Description
1, 26
DP
I/O
Positive pin of the USB data line pair.
2
IN
P
Power input of the IC.
Place a 1μF ceramic capacitor from IN to PGND, as close
as possible to the IC.
3
PMID
P
Internal power pin. Connect PMID to the drain of the reverse-blocking MOSFET
and the drain of the high-side MOSFET (HS-FET). Bypass PMID with a 10
μF
capacitor from PMID to PGND, placed as close as possible to the IC.
4
SW
P
Switching node.
5, 6, 7
PGND
P
Power ground.
8
BST
P
Bootstrap pin. Connect a 47nF bootstrap capacitor between the BST and SW pins
to form a floating supply across the power switch driver. This drives the power
switch’s gate above the supply voltage.
9
STAT
O
Open-drain charge status output to indicate various charger operations.
Connect STAT to VREF using a 10k
Ω resistor.
10
INT
O
Open-drain interrupt output. The INT pin can send charging status and fault
interrupt signals to the host.
11
NTC
I
Temperature-sense input. Connect a negative temperature coefficient thermistor
to the NTC pin. Configure the hot and cold temperature windows with a resistor
divider connected from VNTC to NTC to AGND. Charging is suspended when the
NTC pin is out of range.
12
VNTC
P
Pull-up voltage bias. The VNTC pin is the pull-up voltage bias of the NTC
comparator resistive divider for both the feedback and the reference.
13, 14
VREF
P
PWM low-side driver output. C
onnect a 10μF ceramic capacitor from VREF to
AGND, placed as close as possible to the IC.
15
AGND
P
Analog ground.
16
SYS
P
System output. Connect a 22
μF ceramic capacitor from SYS to PGND, placed as
close as possible to the IC.
17
BATT
P
Battery positive terminal. Connect a 22
μF ceramic capacitor from BATT to PGND,
placed as close as possible to the IC.
18
CE
-------
I
Active low charge enable pin. Battery charging is enabled when the
corresponding register is set to active and the CE
-------
pin is low.
19, 20
SCL
I
I2C interface clock.
Connect SCL to the logic rail through a 10kΩ resistor.
21
SDA
I/O
I2C interface data.
Connect SDA to the logic rail through a 10kΩ resistor.
22
DISC
I
Battery disconnection control pin. The DISC pin can be used for shipping mode
and system resetting.
23
OTG
I
Boost mode enable control pin. The On-The-Go (OTG) function is enabled via
the I2C. During boost operation, the OTG pin can go low to suspend boost operation.
24
ILIM
I
Configurable input current limit. To set the maximum input current limit, connect
a resistor from ILIM to ground. The actual input current limit is the lower value set
by the ILIM pin or the I2C.
25
DM
I/O
Negative pin of the USB data line pair.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com