Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2733 Datasheet(PDF) 25 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 25 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 21Page - MPS Industries, Inc. MP2733 Datasheet HTML 22Page - MPS Industries, Inc. MP2733 Datasheet HTML 23Page - MPS Industries, Inc. MP2733 Datasheet HTML 24Page - MPS Industries, Inc. MP2733 Datasheet HTML 25Page - MPS Industries, Inc. MP2733 Datasheet HTML 26Page - MPS Industries, Inc. MP2733 Datasheet HTML 27Page - MPS Industries, Inc. MP2733 Datasheet HTML 28Page - MPS Industries, Inc. MP2733 Datasheet HTML 29Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
25
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
status. The STAT pin function can be disabled
by setting the STAT_EN bit to 0.
Table 2: Operation Indications
STAT
Charging State
Low
Charging
High
Charging complete, charge
disabled, input OVP, battery
discharge standby mode
Blinking at
1Hz
Charging suspended (battery OVP,
system OVP, timer fault, NTC fault,
or NTC float)
Interrupt to Host (INT)
The MP2733 also has an alert mechanism that
can output an interrupt signal via the INT pin to
notify the system of updates by outputting a
256μs, low-state INT pulse. Events that can
trigger an INT output are listed below:
• Good input source detected
• DP/DM USB detection completed
• Input removed
• Charge completed
• NTC floats
• VINPPM or IINPPM has been reached
• Any fault in REG0Dh (watchdog timer fault,
OTG fault, thermal shutdown, safety timer
fault, battery OVP fault, NTC fault) has
occurred
If a fault occurs, the charger sends out an INT
signal. The fault status is not latched, meaning
that the fault status is cleared when the fault
condition is removed.
Safety Timer
The MP2733 provides both a pre-charge and
complete
charge
safety
timer
to
prevent
extended charging cycles due to abnormal
battery conditions. The total safety timer for both
trickle charge and pre-charge is 1 hour when
VBATT is below VBATT_PRE. The complete charge
safety timer starts when the battery enters
constant current charge. The user can configure
the constant current charge safety timer via
CHG_TMR (REG08h, bits[2:1]). If the safety
timer function is not used, it can be disabled by
EN_TIMER (REG08h, bit[0]) while initializing
charger configuration.
The safety timer is reset at the beginning of a
new charging cycle. Before the safety timer
expires, any of the actions listed below can reset
the safety timer:
• A new charge cycle begins by either input
insertion or automatic recharge
• Toggling the CE
--------
pin low, high, then low
(charging enabled)
• Writing CHG_CONFIG (REG04h, bits[5:4])
from 00 to 01 (charging enabled)
• Writing EN_TIMER (REG08h, bit[0]) from 0
to 1 (safety timer enabled)
When safety timer expires, the safety timer fault
bit (REG17h, bit[7]) is set to 1 and INT is
asserted to the host. Writing the BG_EN bit
(REG09h, bit[3]) from 1 to 0 (or re-inserting the
input) re-enables input detection, clears the
safety timer fault, and restarts the safety timer.
The MP2733 automatically adjusts or suspends
the timer if any fault occurs. The timer is
suspended if any of the following conditions are
met:
• The battery enters supplement mode and
VBATT < VSYS_MIN
• Battery OVP occurs
• An NTC hot or cold fault occurs
• The NTC pin is floating
• 0 is written to EN_TIMER (REG08h, bit[0])
The MP2733 provides a way to double the
remaining time left on the timer, which is enabled
by the TMR2X_EN bit. If the input current limit,
input voltage regulation, or thermal regulation
threshold is reached, the remaining time on the
timer is doubled when TMR2X_EN is enabled.
Once the device is cleared of the conditions
listed above, the remaining time returns to the
original setting.
The safety timer does not operate in USB On-
the-Go (OTG) mode.
Watchdog Timer
The MP2733 is a host-controlled device, but it
can operate in a default mode without host
control. In default mode, all registers are set to
the
default
settings,
and
the
WATCHDOG_FAULT command is set to 1.
In host-controlled mode, all the parameters can
be configured by the host. To keep the device in
host mode, the host has to periodically reset the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com