Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2733 Datasheet(PDF) 45 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 45 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 41Page - MPS Industries, Inc. MP2733 Datasheet HTML 42Page - MPS Industries, Inc. MP2733 Datasheet HTML 43Page - MPS Industries, Inc. MP2733 Datasheet HTML 44Page - MPS Industries, Inc. MP2733 Datasheet HTML 45Page - MPS Industries, Inc. MP2733 Datasheet HTML 46Page - MPS Industries, Inc. MP2733 Datasheet HTML 47Page - MPS Industries, Inc. MP2733 Datasheet HTML 48Page - MPS Industries, Inc. MP2733 Datasheet HTML 49Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
45
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
OTP MAP
#
Bit[7]
Bit[6]
Bit[5]
Bit[4]
Bit[3]
Bit[2]
Bit[1]
Bit[0]
00
N/A
IIN_LIM: 100mA to 3250mA/50mA step
01
N/A
VIN_MIN: 3.7V to 15.2V/100mV step
05
N/A
ICC: 320mA to 4520mA/40mA step
07
VBATT_REG: 3.4V to 4.67V/10mV step
N/A
08
N/A
CHG_TMR
N/A
18
IINLIM/VINMIN
RESET_EN
N/A
N/A
N/A
VINOVP_
CS
ADDRESS
PFM_EN
N/A
OTP DEFAULT
OTP Items
Default
IIN_LIM
500mA
VIN_MIN
4.3V
ICC
1.84A
VBATT_REG
4.2V
CHG_TMR
12hrs
INLIM/VINMIN RESET_EN
IIN_LIM and VIN_MIN not reset when VIN POR
VINOVP_CS
16.8V
ADDRESS
4Bh
PFM_EN
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com