Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2733 Datasheet(PDF) 10 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 10 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 6Page - MPS Industries, Inc. MP2733 Datasheet HTML 7Page - MPS Industries, Inc. MP2733 Datasheet HTML 8Page - MPS Industries, Inc. MP2733 Datasheet HTML 9Page - MPS Industries, Inc. MP2733 Datasheet HTML 10Page - MPS Industries, Inc. MP2733 Datasheet HTML 11Page - MPS Industries, Inc. MP2733 Datasheet HTML 12Page - MPS Industries, Inc. MP2733 Datasheet HTML 13Page - MPS Industries, Inc. MP2733 Datasheet HTML 14Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
10
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
NTC hot temp falling threshold
hysteresis
As a percentage of VNTC
1.5
%
VREF LDO
VREF LDO output voltage
VREF
VIN = 5V, IVREF = 20mA
3.6
V
VREF LDO current limit
IREF_LMT
VVREF = 3.3V
40
mA
Battery Discharge Operation
Battery operating range
VBATT
2.6
4.75
V
Battery current in shipping
mode
IBATT_SP
VIN < VIN_UVLO, VBATT = 4.2V,
BATTFET off
13
16
μA
Battery quiescent current
IBATT_Q
VIN < VIN_UVLO, VBATT = 4.2V,
BATTFET on, OTG disabled
40
47
μA
VIN < VIN_UVLO, VBATT = 4.2V,
BATTFET on, OTG enabled
5.0
mA
VIN < VIN_UVLO, VBATT = 4.2V,
BATTFET on, OTG disabled,
ADC enabled
2
mA
OTG output voltage
VIN_DSCHG REG03h, bits[5:3] = 011, IOTG = 0A
5.07
V
OTG output voltage accuracy
As a percentage of VIN_OTG,
IOTG = 0A
-2
+2
%
Battery operation UVLO
VBATT_UVLO
VBATT falling
2.35
2.45
2.55
V
VBATT rising
2.68
2.8
2.92
V
Battery operation UVLO for
OTG
VBATT_UVLO
_OTG
VBATT falling
2.45
2.55
2.65
V
VBATT rising
3.0
V
OTG output voltage protection
threshold
VINOVP_
DSCHG
VBATT = 3.7V, OTG is enabled, force a
voltage at IN until REG0Dh, bit[6] = 1
6.15
V
OTG output voltage protection
threshold hysteresis
330
mV
OTG output current limit (I2C)
IIN_DSCHG
REG03h, bits[2:0] = 000,
VBATT = 3.7V
0.5
0.6
0.7
A
REG03h, bits[2:0] = 011,
VBATT = 3.7V
1.5
1.65
1.8
REG03h, bits[2:0] = 101,
VBATT = 3.7V
2.1
2.25
2.4
REG03h, bits[2:0] = 111,
VBATT = 3.7V
3.0
3.15
3.3
Analog-to-Digital Converter (ADC)
Resolution
RES
8
bits
Input voltage range
VIN
3.6
15.3
V
Input voltage LSB
VIN_RES
60
mV
Input voltage accuracy
VIN_ACC
VIN = 5V
2
LSB
Battery voltage range
VBATT
0
5.1
V
Battery voltage LSB
VBATT_RES
20
mV
Battery voltage accuracy
VBATT_ACC VBATT = 3.8V
2
LSB
Charge current range
ICHG
0
5.66
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com