Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2733 Datasheet(PDF) 27 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 27 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 23Page - MPS Industries, Inc. MP2733 Datasheet HTML 24Page - MPS Industries, Inc. MP2733 Datasheet HTML 25Page - MPS Industries, Inc. MP2733 Datasheet HTML 26Page - MPS Industries, Inc. MP2733 Datasheet HTML 27Page - MPS Industries, Inc. MP2733 Datasheet HTML 28Page - MPS Industries, Inc. MP2733 Datasheet HTML 29Page - MPS Industries, Inc. MP2733 Datasheet HTML 30Page - MPS Industries, Inc. MP2733 Datasheet HTML 31Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
27
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
BATTFET_DIS must be set to 0 to reset
BATTFET control.
DISC
VBATT
VSYS
tDISC_L
tDISC_H
Figure 10: Shipping Mode via the DISC Pin
On-the-Go (OTG) Boost Function
The MP2733 can supply a regulated 5V output
at the IN pin to power the peripherals. This
output is compliant with USB On-The-Go (OTG)
specifications. To ensure that the battery is not
drained, the MP2733 does not enter OTG mode
if the battery is below its under-voltage lockout
(UVLO) threshold. To enable OTG mode, the
input voltage at the IN pin must be below 1V.
Boost operation can be enabled when the
CHG_CONFIG bit = 11 (REG04h, bits[5:4] = 11)
and the OTG pin is high. The OTG output current
limit can be configured by the IIN_DSCHG bit
(REG03h, bits[1:0]). During boost mode, status
register VIN_STAT (REG0Ch, bits[7:5]) changes
to 111.
The following conditions must be met to enable
boost operation:
• V
BATT > VBATT_UVLO_OTG (rising 3V)
• V
IN < 1V
• The OTG pin is high and CHG_CONFIG
(REG04h, bits[5:4]) is set to 11
Boost mode is enabled after a 200ms delay.
Once OTG is enabled, the MP2733 boosts the
PMID to 5V. Then the block FET (Q1) is linearly
regulated with a 3A output current limit. If VIN is
charged above 4.4V within 6ms, the block FET
fully turns on. Otherwise, the block FET turns off
and the part goes into hiccup mode. After a
600ms off period, PMID tries to charge VIN again.
The
MP2733
provides
OTG
output
short
protection. If VIN falls below 4V, the block FET
and boost turn off, and the part enters hiccup
mode. After a 600ms recovery time, OTG starts
up again. When the OTG output is short, the fault
register’s OTG_FAULT bit (REG0Dh, bit[6]) is
set to 1, and an INT signal is sent to the host.
The device also provides OTG output voltage
protection. Once VIN exceeds VINOVP_DSCHG, the
MP2733 stops switching, the fault register
OTG_FAULT bit (REG0Dh, bit[6]) is set to 1, and
an INT signal is sent to the host.
In boost mode, the MP2733 employs a fixed,
1.35MHz, PWM step-up switching converter. It
switches from PWM mode to pulse-skip mode
under light-load conditions.
Analog-to-Digital Converter (ADC)
The MP2733 integrates an 8-bit analog-to-digital
converter (ADC), which is available in charge
mode, OTG mode, or battery standby mode.
In charge mode, the ADC monitors the input
voltage, input current, system voltage, battery
voltage, charge current, and NTC voltage
alternately. In OTG mode, the ADC monitors the
input voltage, input current, system voltage,
battery voltage, and NTC voltage alternately.
The ADC has two modes that can be selected by
ADC_RATE (REG03h, bit[6]). If ADC_RATE is
set
to
0,
the
ADC
starts
working
once
ADC_START bit is set to 1. If ADC_RATE is set
to 1, the ADC is always working.
In battery standby mode, the ADC is available by
first setting EN_ADC_DSG (REG08h, bit[6]) to 1.
Then the ADC can be controlled by the
ADC_RATE and ADC_START bits.
Serial Interface
The IC uses an I2C-compatible interface to set
the charging parameters and instantaneously
report the device status. The I2C is a bidirectional,
two-wire serial interface. Only two bus lines are
required: a serial data line (SDA) and serial clock
line (SCL). Both the SDA and SCL lines are open
drains that must be connected to the positive
supply voltage via a pull-up resistor.
The IC operates as a slave device and receives
control inputs from the master device, such as a
microcontroller. The SCL line is always driven by
the master device. The I2C interface supports
both standard mode (up to 100kbits/s) and fast
mode (up to 400kbits/s).
All transactions begin with a start (S) condition
and are terminated by a stop (P) condition. Start
and stop conditions are always generated by the
master. A start condition is defined as a high-to-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com