Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2733 Datasheet(PDF) 31 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 31 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 27Page - MPS Industries, Inc. MP2733 Datasheet HTML 28Page - MPS Industries, Inc. MP2733 Datasheet HTML 29Page - MPS Industries, Inc. MP2733 Datasheet HTML 30Page - MPS Industries, Inc. MP2733 Datasheet HTML 31Page - MPS Industries, Inc. MP2733 Datasheet HTML 32Page - MPS Industries, Inc. MP2733 Datasheet HTML 33Page - MPS Industries, Inc. MP2733 Datasheet HTML 34Page - MPS Industries, Inc. MP2733 Datasheet HTML 35Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
31
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
REG00h: Input Current Limit
Bit
Name
POR
Reset by
REG_RST
Reset
by WTD
R/W
Description
Comment
7
EN_HIZ
0
Y
Y
R/W
0: Disabled
1: Enabled
Enables Hi-Z mode. Set to 0
by default. This bit only turns
off the DC/DC converter.
6
EN_LIM
1
Y
Y
R/W
0: Disabled
1: Enabled
Enables the ILIM pin. This bit
is set to 1 by default. The
charger input current limit is
the lower value between the
IIN_LIM register setting and
ILIM pin setting.
5
IIN_LIM[5]
0
Y
N
R/W
1600mA
This bits set the input current
limit threshold. They have a
100mA
offset,
a
500mA
default, and a 100mA to 3.25A
range
via
the
one-time
programmable
(OTP)
memory. VIN POR can reset
IIN_LIM to the default OTP
threshold.
4
IIN_LIM[4]
0
Y
N
R/W
800mA
3
IIN_LIM[3]
1
Y
N
R/W
400mA
2
IIN_LIM[2]
0
Y
N
R/W
200mA
1
IIN_LIM[1]
0
Y
N
R/W
100mA
0
IIN_LIM[0]
0
Y
N
R/W
50mA
REG01h: Input Voltage Regulation
Bit
Name
POR
Reset by
REG_RST
Reset
by WTD
R/W
Description
Comment
7
REGISTER_
RESET
0
Y
N
R/W
0: Keep current setting
1: Reset
This bit is set to 0 by default.
6
VIN_MIN[6]
0
Y
N
R/W
6400mV
These
bits
set
the
input
voltage limit threshold. They
have a 3.7V offset, 3.7V to
15.2V range, and is set to
0000110 (4.3V) by default via
the OTP. VIN POR can reset
VIN_MIN to its default value via
the OTP.
5
VIN_MIN[5]
0
Y
N
R/W
3200mV
4
VIN_MIN[4]
0
Y
N
R/W
1600mV
3
VIN_MIN[3]
0
Y
N
R/W
800mV
2
VIN_MIN[2]
1
Y
N
R/W
400mV
1
VIN_MIN[1]
1
Y
N
R/W
200mV
0
VIN_MIN [0]
0
Y
N
R/W
100mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com