Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2733 Datasheet(PDF) 24 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 24 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 20Page - MPS Industries, Inc. MP2733 Datasheet HTML 21Page - MPS Industries, Inc. MP2733 Datasheet HTML 22Page - MPS Industries, Inc. MP2733 Datasheet HTML 23Page - MPS Industries, Inc. MP2733 Datasheet HTML 24Page - MPS Industries, Inc. MP2733 Datasheet HTML 25Page - MPS Industries, Inc. MP2733 Datasheet HTML 26Page - MPS Industries, Inc. MP2733 Datasheet HTML 27Page - MPS Industries, Inc. MP2733 Datasheet HTML 28Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
24
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
NTC
Protection
VNTC
NTC
AGND
RT1
RT2
RNTC
VHOT
VWARM
VCOOL
VCOLD
Figure 7: NTC Protection Circuit
The MP2733 provides standard and JEITA
battery temperature monitoring, which can be
selected via the NTC_TYPE bit. If the standard
type is selected, and the external voltage ratio
transitions from the high temperature threshold
(VHOT) to the low temperature threshold (VCOLD),
this means that the battery temperature is out of
the cold-to-hot range. The IC suspends charging
and reports the NTC fault. Once the battery
temperature is within the cold-to-hot temperature
range again, charging resumes automatically.
If the JEITA type is selected, the MP2733
monitors four temperature thresholds:
1) Cold temperature threshold (TNTC < 0°C,
default)
2) Cool temperature threshold (0°C < TNTC <
15°C, default)
3) Warm temperature threshold (45°C < TNTC <
55°C, default)
4) Hot temperature threshold (TNTC > 55°C,
default)
For a given NTC thermistor, these temperatures
correspond to the values for VCOLD, VCOOL, VWARM,
and VHOT, respectively. These voltage thresholds
can be configured via REG16h, bits[5:0] to set
different temperature ranges.
If VNTC < VHOT or VNTC > VCOLD, charging and
timers are suspended. If VHOT < VNTC < VWARM,
then VBATT_REG is reduced by 200mV (configured
via REG16h, bit[7]). If VCOOL < VNTC < VCOLD, the
charging current is reduced to 16.7% of its set
value, which can be configured via REG16h,
bit[6]. Figure 8 shows the NTC window with
JEITA control.
Charge Current
Charge Voltage
Cold
Cool
Warm
Hot
Figure 8: NTC Window with JEITA Control
The MP2733 provides PCB over-temperature
(OT) monitoring. The PCB OT response is
selected by the NTC_OPTION bit (REG02h,
bit[1]). If this bit is set to 1, PCB over-temperature
protection (OTP) is enabled. If this bit is set to 0
(the default setting), the battery temperature
monitoring
and
corresponding
protection
features described above are utilized instead.
While monitoring OT conditions in the PCB, the
IC continuously monitors the PCB temperature
at the NTC pin. If the NTC pin
’s voltage is below
the threshold that uses VHOT, the DC/DC
converter and battery FET turn off. Operation
resumes once the NTC pin voltage returns to its
normal value.
If the NTC thermistor is removed, NTC is pulled
up to VNTC (see Figure 7). If the NTC voltage
exceeds 95% of VNTC, then the NTC thermistor
is detected to be floating. The MP2733 sends an
INT
signal
to
the
host,
and
the
RNTC
FLOAT_STAT bit is set to 1.
Battery Temperature Monitor in On-the-Go
(OTG) Boost Mode
In boost mode, the device monitors whether the
battery temperature is within the VCOLD and VHOT
thresholds, unless boost mode temperature
monitoring is disabled by setting EN_OTG NTC
(REG02h, bit[5]) to 0. If the temperature goes
outside of these thresholds, boost mode is
suspended. Once the temperature returns to
within these thresholds, boost mode resumes.
Charging STAT Indication
The MP2733 indicates the charging state on the
open-drain STAT pin. Table 2 shows the STAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com