Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2733 Datasheet(PDF) 20 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 20 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 16Page - MPS Industries, Inc. MP2733 Datasheet HTML 17Page - MPS Industries, Inc. MP2733 Datasheet HTML 18Page - MPS Industries, Inc. MP2733 Datasheet HTML 19Page - MPS Industries, Inc. MP2733 Datasheet HTML 20Page - MPS Industries, Inc. MP2733 Datasheet HTML 21Page - MPS Industries, Inc. MP2733 Datasheet HTML 22Page - MPS Industries, Inc. MP2733 Datasheet HTML 23Page - MPS Industries, Inc. MP2733 Datasheet HTML 24Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
20
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
Figure 5 shows the charging voltage regulation.
VTRACK
VSYS_REG_MIN
VBATT
vSYS
a) Charging Enabled
VSYS_MIN
b) Charging Disabled
VTRACK
VSYS_REG_MIN
VBATT
VSYS
VSYS_MIN
VBATT_GD
Figure 5: VSYS Variation with VBATT
Dynamic Power Management (DPM)
To meet the maximum current limit in USB
specifications and avoid overloading the adapter,
the
MP2733
features
dynamic
power
management (DPM), and continuously monitors
the input current (IIN) and input voltage (VIN). The
total input current limit is configurable to prevent
the input source from being overloaded. If the
input current increases and reaches the input
current limit (IIN_LIM), the charge current is
reduced to prioritize the system power.
If the preset IIN_LIM exceeds the adapter’s rating,
the additional minimum input voltage regulation
loop activates to prevent the input power source
from being overloaded. When VIN falls below the
input voltage regulation threshold due to a heavy
load, the charge current is reduced to prevent VIN
from dropping further.
Power path management can operate in two
ways:
1. If VBATT < VSYS_MIN + VBATT_GD, the system
voltage is regulated at VSYS_REG_MIN. If the
input current reaches IIN_LIM, the input current
loop controls the DC/DC converter. If the
input voltage drops to VIN_MIN, the input
voltage loop controls the converter. Then the
system voltage drops, and the battery FET
driver is pulled down to decrease the charge
current. This prioritizes the system power
requirement.
2. If the battery is directly connected to the
system, and VBATT > VSYS_MIN + VBATT_GD,
there is a free transition between each
control loop. In this circumstance, the charge
decreases automatically when IIN_LIM or the
voltage regulation threshold is reached.
Battery Supplement Mode
If the device reaches IIN_LIM or the input voltage
threshold, the charge current decreases. If the
input source is still overloaded when the charge
current decreases to zero, the system voltage
(VSYS) begins to drop. If VSYS drops below VBATT,
the MP2733 enters battery supplement mode, in
which the battery simultaneously powers the
system and the DC/DC converter.
The MP2733 can operate in ideal diode mode to
optimize the control transition between the
battery FET and DC/DC converter. The battery
FET enters ideal diode mode under either of the
following conditions:
1. VIN starts up from the battery supply system.
2. VBATT < VSYS_MIN, and VSYS drops below VBATT.
During ideal diode mode, the battery FET
operates as an ideal diode, and regulates the
battery FET
’s gate drive. The VDS of the battery
FET remains at about 20mV. As the discharge
current increases, the battery FET
’s gate drive
increases, and its RDS decreases until the battery
FET is fully on.
Battery Charge Profile
If VIN powers on, the CHG_CONFIG bit = 01, and
the CE
--------
pin is low, then the device automatically
completes
a
charging
cycle
without
host
involvement. However, the host can set different
charging parameters to optimize the charge
profile by writing to the corresponding registers
via the I2C.
A new charge cycle starts when all of the
following conditions are valid:
• Good input power is inserted
• Battery charging is enabled by the I2C, and
CE
--------
is forced to logic low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com