Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2733 Datasheet(PDF) 34 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 34 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 30Page - MPS Industries, Inc. MP2733 Datasheet HTML 31Page - MPS Industries, Inc. MP2733 Datasheet HTML 32Page - MPS Industries, Inc. MP2733 Datasheet HTML 33Page - MPS Industries, Inc. MP2733 Datasheet HTML 34Page - MPS Industries, Inc. MP2733 Datasheet HTML 35Page - MPS Industries, Inc. MP2733 Datasheet HTML 36Page - MPS Industries, Inc. MP2733 Datasheet HTML 37Page - MPS Industries, Inc. MP2733 Datasheet HTML 38Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
34
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
REG06h: Pre-Charge and Termination Current
Bit
Name
POR
Reset by
REG_RST
Reset
by WTD
R/W
Description
Comment
7
IPRE[3]
0
Y
Y
R/W
320mA
These bits set the pre-charge
current. They have a 150mA
offset,
150mA
to
750mA
range, and are set to 0010
(230mA) by default.
6
IPRE[2]
0
Y
Y
R/W
160mA
5
IPRE[1]
1
Y
Y
R/W
80mA
4
IPRE[0]
0
Y
Y
R/W
40mA
3
ITERM[3]
0
Y
Y
R/W
320mA
These bits set the termination
current. They have a 120mA
offset,
120mA
to
720mA
range, and are set to 0010
(200mA) by default.
2
ITERM[2]
0
Y
Y
R/W
160mA
1
ITERM[1]
1
Y
Y
R/W
80mA
0
ITERM[0]
0
Y
Y
R/W
40mA
REG07h: Charge Voltage Regulation
Bit
Name
POR
Reset by
REG_RST
Reset
by WTD
R/W
Description
Comment
7
VBATT_REG[5]
1
Y
Y
R/W
640mV
These bits set the battery
regulation voltage. They have
a 3.4V offset, 3.4V to 4.67V
range, and are set to 1010000
(4.2V) by default.
6
VBATT_REG[5]
0
Y
Y
R/W
320mV
5
VBATT_REG[4]
1
Y
Y
R/W
160mV
4
VBATT_REG[3]
0
Y
Y
R/W
80mV
3
VBATT_REG[2]
0
Y
Y
R/W
40mV
2
VBATT_REG[1]
0
Y
Y
R/W
20mV
1
VBATT_REG[0]
0
Y
Y
R/W
10mV
0
VRECH
0
Y
Y
R/W
0: 100mV
1: 200mV
Sets
the
battery
recharge
threshold (below VBATT_REG).
This bit is set to 0 by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com