Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2733 Datasheet(PDF) 47 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 47 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 43Page - MPS Industries, Inc. MP2733 Datasheet HTML 44Page - MPS Industries, Inc. MP2733 Datasheet HTML 45Page - MPS Industries, Inc. MP2733 Datasheet HTML 46Page - MPS Industries, Inc. MP2733 Datasheet HTML 47Page - MPS Industries, Inc. MP2733 Datasheet HTML 48Page - MPS Industries, Inc. MP2733 Datasheet HTML 49Page - MPS Industries, Inc. MP2733 Datasheet HTML 50Page - MPS Industries, Inc. MP2733 Datasheet HTML 51Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
47
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
The output voltage ripple can be calculated with
Equation (5):
−
==
SYS
SYS
IN
2
SYS
SYS
SW
V
1
ΔV
V
ΔR%
V
8 C
f
L
(5)
To guarantee a ±0.5% system voltage accuracy,
the maximum output voltage ripple must not
exceed 0.5% (e.g. 0.1%). The maximum output
voltage ripple occurs at the minimum system
voltage and the maximum input voltage.
The output capacitance (CSYS) can be calculated
with Equation (6):
−
=
 
SYS
IN
SYS
2
SW
V
1
V
C
8 f
L
ΔR
(6)
For example, if VIN = 5V, VSYS = 3.7V, L = 1µH,
fSW = 1.35MHz, and R = 0.1%, choose a 22µF
ceramic capacitor.
Selecting the NTC Resistor
Figure 7 on page 24 shows an external resistor
divider reference circuit that limits the low-
temperature
threshold
(VCOLD)
and
high-
temperature threshold (VHOT). For a given NTC
thermistor, select the appropriate RT2 and RT1
values to set the NTC window, calculated with
Equation (7) and Equation (8), respectively:
NTC_HOT
COLD
HOT
NTC_COLD
HOT
COLD
T2
HOT
COLD
R
V
(1-V
)-R
V
(1 V
)
R
VV
 −
=
−
(7)
COLD
NTC_COLD
T2
T1
COLD
(1-V
) (R
R )
R
V
+
=
(8)
Where RNTC_HOT is the value of the NTC resistor
at
the
high
temperature
of
the
required
temperature operation range, and RNTC_COLD is
the value of the NTC resistor at the low
temperature.
RT1 and RT2 allow the high-temperature limit and
low-temperature
limit
to
be
configured
independently. With this feature, the MP2733
can operate within most NTC resistor and
temperature operation range requirements.
The RT1 and RT2 values depend on the type of
NTC resistor. For example, a 103AT thermistor
must have the following electrical characteristics:
• At 0°C, R
NTC_COLD = 27.28kΩ
• At 60°C, R
NTC_HOT = 3.02kΩ
VHOT is selected to be 34% of VNTC and VCOLD is
selected to be 72% of VNTC via the REG16h
register. Using Equation (7) and Equation (8),
RT1 = 11.8kΩ and RT2 = 3.06kΩ.
PCB Layout Guidelines
Proper PCB layout is critical to meet specified
noise rejection requirements and high efficiency.
For the best results, follow the guidelines below:
1. Route the power stages adjacent to their
grounds. Minimize the high-side switching
node (SW and inductor), the trace lengths in
the high-current paths, and the current-
sense resistor trace.
2. Keep the switching node short, and route it
away
from
all
small
control
signals,
especially the feedback network.
3. Place the input capacitor as close as
possible to the PMID and PGND pins.
4.
Place the output inductor close to the IC, and
connect the output capacitor between the
inductor and PGND of the IC.
5. For high-current applications, the pins for the
power pads (IN, SW, SYS, BATT, and PGND)
should be connected to as much copper on
the board as possible. This improves thermal
performance by conducting heat away from
the IC.
6. Connect a ground plane directly to the return
of all components through via holes. It is also
recommended to put via holes inside the
PGND pads for the IC, if possible. A star
ground design approach is recommended to
keep the circuit block currents isolated (high-
power PGND and low-power, small signal
AGND) which reduces noise coupling and
ground-bounce issues. A single ground
plane for this design offers good results. With
a small layout and a single ground plane,
there is no ground-bounce, and having the
components separated minimizes coupling
between signals and stability requirements.
7. Pull the connection wire from the MCU (I2C)
far from the SW mode and copper regions.
8. Place SCL and SDA in close parallel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com