Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2733 Datasheet(PDF) 12 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 12 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 8Page - MPS Industries, Inc. MP2733 Datasheet HTML 9Page - MPS Industries, Inc. MP2733 Datasheet HTML 10Page - MPS Industries, Inc. MP2733 Datasheet HTML 11Page - MPS Industries, Inc. MP2733 Datasheet HTML 12Page - MPS Industries, Inc. MP2733 Datasheet HTML 13Page - MPS Industries, Inc. MP2733 Datasheet HTML 14Page - MPS Industries, Inc. MP2733 Datasheet HTML 15Page - MPS Industries, Inc. MP2733 Datasheet HTML 16Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
12
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5.0V, VBATT = full range, I2C-controlled, ICHG = 1.84A, IIN_LIM = 3.0A, VIN_MIN = 4.3V, L = 1.0μH
(DCR = 14.9m
Ω), TA = 25°C, unless otherwise noted.
Charge Efficiency
VBATT = 3.8V
Boost Efficiency
VBATT = 3.8V
Battery Regulation Voltage vs.
Temperature
System Minimum Voltage vs.
Temperature
Battery Current in Shipping Mode
vs. Temperature
500mA Input Current Limit vs.
Temperature
78
80
82
84
86
88
90
92
94
96
98
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
IBATT (A)
VIN=5V
VIN=9V
VIN=12V
VIN=16V
60%
65%
70%
75%
80%
85%
90%
95%
100%
0
1000
2000
3000
BOOST OUTPUT CURRENT (mA)
4.15
4.17
4.19
4.21
4.23
4.25
-60 -40 -20
0
20 40 60 80 100 120 140
TEMPERATURE (°C)
3.5
3.55
3.6
3.65
3.7
-60 -40 -20
0
20 40 60 80 100 120 140
TEMPERATURE (°C)
0
10
20
30
40
50
-60 -40 -20
0
20 40 60 80 100 120 140
TEMPERATURE (°C)
200
250
300
350
400
450
500
-60 -40 -20
0
20 40 60 80 100 120 140
TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com