Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8820 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 36Page - NXP Semiconductors PCF8820 Datasheet HTML 37Page - NXP Semiconductors PCF8820 Datasheet HTML 38Page - NXP Semiconductors PCF8820 Datasheet HTML 39Page - NXP Semiconductors PCF8820 Datasheet HTML 40Page - NXP Semiconductors PCF8820 Datasheet HTML 41Page - NXP Semiconductors PCF8820 Datasheet HTML 42Page - NXP Semiconductors PCF8820 Datasheet HTML 43Page - NXP Semiconductors PCF8820 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
2000 Dec 07
40
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
64
10000000
control byte: Co = 1, RS = 0
65
00001001
HVGen command page: select
voltage multiplier factor 3
×
(S2 to S0 = 001, incremented to 3x)
66
10000000
control byte: Co = 1, RS = 0
67
00001010
HVGen command page: select
voltage multiplier factor 4
(S2 to S0 = 010)
68
10000000
control byte: Co = 1, RS = 0
69
00001011
HVGen command page: select
voltage multiplier factor 5
(S2 to S0 = 011, incremented to 5x)
70
01000000
control byte: Co = 0, RS = 1
71
11111111
data write column 0 (vertical
addressing): address X and Y are
initialized to 0 by default, so they
are not set here
72
00000011
data write: next write to subsequent
rows filling up column 0 with ‘00H’
73 to 89
00000000
no display change
data writes (17 bytes)
90
00110011
data write column 1 (vertical
addressing)
91
00000000
data write
92 to
108
00000000
no display change
data writes (17 bytes)
109
00111111
data write column 2 (vertical
addressing)
110
00000000
data write
111 to
127
00000000
no display change
data writes (17 bytes)
STEP
SERIAL BUS BYTE
LCD
OPERATION
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
MGT143
MGT144
MGT145
MGT145
MGT146
MGT146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com