Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8820 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 28Page - NXP Semiconductors PCF8820 Datasheet HTML 29Page - NXP Semiconductors PCF8820 Datasheet HTML 30Page - NXP Semiconductors PCF8820 Datasheet HTML 31Page - NXP Semiconductors PCF8820 Datasheet HTML 32Page - NXP Semiconductors PCF8820 Datasheet HTML 33Page - NXP Semiconductors PCF8820 Datasheet HTML 34Page - NXP Semiconductors PCF8820 Datasheet HTML 35Page - NXP Semiconductors PCF8820 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
2000 Dec 07
32
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
Logic inputs
PADS SA0, SA1, RES, T1, T3, T4 and T5
VIL
LOW-level input voltage
VSS1
−
0.3VDD1
V
VIH
HIGH-level input voltage
0.7VDD1
−
VDD1
V
IL
leakage current
VI =VDD1 or VSS1
−1
−
+1
µA
PAD OSC
VI
LOW-level input voltage
VSS1
−
VSS1 + 0.1 V
VI
HIGH-level input voltage
VDD1 − 0.1
−
VDD1
V
IL
leakage current
VI =VDD1 or VSS1
−1
−
+1
µA
I2C-bus
PADS SDA_IN and SCL
VIL
LOW-level input voltage
VSS1
−
0.3VDD1
V
VIH
HIGH-level input voltage
0.7VDD1
−
5.5
V
IL
leakage current
VI =VDD1 or VSS1
−1
−
+1
µA
PAD SDA_OUT
IOL
LOW-level output current
VOL = 0.4 V; VDD1 = 5 V
3.0
−−
mA
IL
leakage current
VI =VDD1 or VSS1
−1
−
+1
µA
Column and row outputs
Rcol
column output resistance
C0 to C100
VDD1 =5V; VLCDIN =12V;
IL = 100 µA; outputs tested
one at a time
−−
10
k
Ω
Rrow
row output resistance
R0 to R66
VDD1 =5V; VLCDIN =12V;
IL = 100 µA; outputs tested
one at a time
−−
3.0
k
Ω
Vbias(col)
bias voltage tolerance
C0 to C100
−100
0
+100
mV
Vbias(row)
bias voltage tolerance
R0 to R66
−100
0
+100
mV
LCD supply voltage generator
STABILITY
∆VLCDOUT tolerance of internally
generated VLCDOUT
Tamb = −20 to +85 °C;
VLCDOUT ≤ 12 V
−−
4.6
%
TEMPERATURE COEFFICIENT OF VLCDOUT;Tamb = −20 TO +85 °C
TC0
temperature coefficient 0
−−0.04 × 10−3 −
K−1
TC1
temperature coefficient 1
−−1.89 × 10−3 −
K−1
TC2
temperature coefficient 2
−−2.05 × 10−3 −
K−1
TC3
temperature coefficient 3
−−2.22 × 10−3 −
K−1
TC4
temperature coefficient 4
−−2.38 × 10−3 −
K−1
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com