Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8820 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 31Page - NXP Semiconductors PCF8820 Datasheet HTML 32Page - NXP Semiconductors PCF8820 Datasheet HTML 33Page - NXP Semiconductors PCF8820 Datasheet HTML 34Page - NXP Semiconductors PCF8820 Datasheet HTML 35Page - NXP Semiconductors PCF8820 Datasheet HTML 36Page - NXP Semiconductors PCF8820 Datasheet HTML 37Page - NXP Semiconductors PCF8820 Datasheet HTML 38Page - NXP Semiconductors PCF8820 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
2000 Dec 07
35
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
Notes
1. Frame frequency:
or
2. VDD unchanged after frequency calibration.
3. Not available at any pad.
4. Decoupling capacitor between VLCDIN and VSS1 is 100 nF. A higher capacitance increases tsu and a higher VDD1,
VDD2 or VDD3 reduces tsu.
5. All timing values are valid within VDD1,VDD2,VDD3 and Tamb ranges and are referenced to VIL and VIH with an input
voltage swing from VSS1 to VDD1.
6. Cb is the total capacitance (in pF) of one bus line.
tSU;STO
set-up time for STOP condition
0.6
−−µs
tW(spike)
tolerable spike width on bus
−−
50
ns
tBUF
BUS free time
1.3
−−µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
f
frame
f
ext
4352
-------------
=
f
frame
f
osc
4352
-------------
=
handbook, full pagewidth
MGT135
tsu
tWH
tWH
tWL
tWL
tWL
tWL
toper
VDD1
RES
VDD1
RES
SDA,
SCL
RES
Fig.24 Reset timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com