Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8820 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 41Page - NXP Semiconductors PCF8820 Datasheet HTML 42Page - NXP Semiconductors PCF8820 Datasheet HTML 43Page - NXP Semiconductors PCF8820 Datasheet HTML 44Page - NXP Semiconductors PCF8820 Datasheet HTML 45Page - NXP Semiconductors PCF8820 Datasheet HTML 46Page - NXP Semiconductors PCF8820 Datasheet HTML 47Page - NXP Semiconductors PCF8820 Datasheet HTML 48Page - NXP Semiconductors PCF8820 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
2000 Dec 07
45
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
13.3
High voltage generator
The high voltage generator contains a voltage multiplier
which uses a charge pump circuit supplied by VDD2 and
VDD3. The multiplier is software programmable with a
factor from 2 to 8. In the direct drive mode the output
voltage VLCDOUT =VDD2.
When the charge pump is used the total supply current of
the PCF8820 at a supply voltage of 3, 4 and 5 V is shown
in Figs 27, 28 and 29.
The separate graphs are shown for each voltage multiplier
factor with the following conditions:
• At Tamb
• VDD1, VDD2 and VDD3 connected to the same power
supply
• Supply line resistors of 50 Ω (typical value)
• Internal clock not calibrated
• No LCD connected to the PCF8820
• All pixels defined at grey-scale level 32; this is the worst
case
• Bias system 1⁄9
• Full screen mode (bit PS = 0) at a multiplex rate of 1 : 67
• Normal display mode.
The characteristics shown for each voltage multiplier
factor are terminated before VLCDOUT has been reached
the maximum value to indicate that the voltage cannot be
increased any further. If a higher voltage is required, a
higher voltage multiplier factor must be selected.
Connecting a LCD may increase the current into
pad VLCDIN which may affect the current taken by the
charge pump and also its efficiency. The amount of current
load may depend on the type of LCD used.
It is advisable to evaluate the PCF8820 connected to the
desired LCD and set to the required mode(s) to produce
characteristics similar to Figs 27, 28 and 29. The
customer can then use these graphs to select the most
efficient and safe voltage multiplier factor for each mode
required.
handbook, full pagewidth
16
1.2
programmed VLCDOUT (V)
IDD(tot)
(mA)
0
45678
12
913
10
14
11
15
MGT132
0.8
0.4
1.0
0.6
0.2
x 8
x 2
x 3
x 4
x 5
x 7
x 6
Fig.27 Charge pump characteristics for VDD =3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com