Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8820 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 20Page - NXP Semiconductors PCF8820 Datasheet HTML 21Page - NXP Semiconductors PCF8820 Datasheet HTML 22Page - NXP Semiconductors PCF8820 Datasheet HTML 23Page - NXP Semiconductors PCF8820 Datasheet HTML 24Page - NXP Semiconductors PCF8820 Datasheet HTML 25Page - NXP Semiconductors PCF8820 Datasheet HTML 26Page - NXP Semiconductors PCF8820 Datasheet HTML 27Page - NXP Semiconductors PCF8820 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
2000 Dec 07
24
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
8.1.1
POWER-DOWN MODE
During power-down (bit PD = 1) all static currents are
switched off (no internal oscillator, no timing, no LCD
segment drive system) and all LCD outputs are internally
connected to VSS.
To decrease the voltage at VLCDOUT very fast the following
features can be used:
• Select the direct drive mode by setting bit DM = 1
resulting in VLCDOUT =VDD2
• Select the non direct drive mode by setting bit DM = 0,
resulting in VLCDOUT = 0 V (output high-impedance).
During power-down:
• All LCD outputs at VSS (display off)
• Oscillator is off
• Intermediate bias voltage generator is off
• High voltage generator is disabled; however, the status
of bit HVE is unchanged (see Table 8)
• An external VLCD can be disconnected from VLCDIN
• The I2C-bus is operational; commands can be executed
• DDRAM contents is not cleared; DDRAM data can be
written
• Register settings remain unchanged
• Temperature measurement is not possible.
8.1.2
PARTIAL SCREEN MODE
Partial screen mode allows data to be displayed of
DDRAM bank 0 to 1 on the first 8 rows or bank 14 to 15 on
the last 8 rows, depending on the status of
bits DP2 to DP0.
If bit MY = 0, data is displayed either on rows 0 to 7 (first
8 rows) or on rows 56 to 63 (last 8 rows).
If bit MY = 1, data is displayed either on rows 66 to 59 (first
8 rows) or on rows 10 to 3 (last 8 rows).
The partial screen mode also allows VLCDIN to be reduced
to save power.
Frame frequency calibration is not allowed in the partial
screen mode.
8.1.3
Y-ADDRESS OF DDRAM
Bits Y4 to Y0 define the Y-address of the DDRAM.
Table 4
Y-address
8.1.4
BIAS SYSTEM
Different LCD bias voltage settings are required at
different multiplex rates. The status of bits BS2 to BS0 and
bit BS1/2 select different ‘bias systems’ which determine
the intermediate bias voltage levels between
VLCDIN and VSS1. It should be noted that the bias system
selected by bit BS1/2 is independent of the bias systems
selected by bits BS2 to BS0.
A value ‘n’ attributed to each bias system is used to
calculate these levels (see Table 5).
The optimum value for ‘n’ is given by:
where
M is the multiplex rate.
Table 6 shows how bias voltage levels are calculated for
three of the available bias systems using supported ‘n’
values.
Y4
Y3
Y2
Y1
Y0
RAM BANK
00000
bank 0
00001
bank 1
00010
bank 2
00011
bank 3
00100
bank 4
00101
bank 5
00110
bank 6
00111
bank 7
01000
bank 8
01001
bank 9
01010
bank 10
01011
bank 11
01100
bank 12
01101
bank 13
01110
bank 14
01111
bank 15
10000
bank 16
nM
3
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com