Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8820 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 25Page - NXP Semiconductors PCF8820 Datasheet HTML 26Page - NXP Semiconductors PCF8820 Datasheet HTML 27Page - NXP Semiconductors PCF8820 Datasheet HTML 28Page - NXP Semiconductors PCF8820 Datasheet HTML 29Page - NXP Semiconductors PCF8820 Datasheet HTML 30Page - NXP Semiconductors PCF8820 Datasheet HTML 31Page - NXP Semiconductors PCF8820 Datasheet HTML 32Page - NXP Semiconductors PCF8820 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
2000 Dec 07
29
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
handbook, full pagewidth
750
100
fclk (kHz)
fframe
(Hz)
60
150
200
1:2
1:3
1:4
1:5
1:6
1:7
1:8
250
300
350
550
400
600
450
650
500
700
MGT129
80
85
90
70
95
75
65
Fig.21 Calibrated frame frequency as a function of clock frequency and pre-divider ratio.
tcal = 190 µs.
handbook, full pagewidth
800
110
tcal (µs)
fframe
(Hz)
10
100
150
200
250
300
350
550
400
600
450
650
500
750
700
MGT130
50
60
70
80
30
90
100
40
20
1:4
1:8
1:11
1:12
1:3
1:5
1:6
1:7
1:9
1:10
1:13
1:14
1:15
Fig.22 Frame frequency as a function of the calibration time and pre-divider ratio.
fclk = 336 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com