Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8820 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 16Page - NXP Semiconductors PCF8820 Datasheet HTML 17Page - NXP Semiconductors PCF8820 Datasheet HTML 18Page - NXP Semiconductors PCF8820 Datasheet HTML 19Page - NXP Semiconductors PCF8820 Datasheet HTML 20Page - NXP Semiconductors PCF8820 Datasheet HTML 21Page - NXP Semiconductors PCF8820 Datasheet HTML 22Page - NXP Semiconductors PCF8820 Datasheet HTML 23Page - NXP Semiconductors PCF8820 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
2000 Dec 07
20
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
Notes
1. Bit R/W is set in the slave address byte; bit RS is set in the control byte.
2. X = don’t care.
Display part
0001000
DP2
DP1
DP0
set display for partial screen
mode
HVGen command page (H2 = 0, H1 = 1, H0 =0)
High voltage
generator
control
00000001
PRS
HVE
set VLCDOUT programming
range and high voltage
generator on
High voltage
generator
configuration
0000001
S2
S1
S0
set voltage multiplier factor
Temperature
control
0000010
TC2
TC1
TC0
set temperature coefficient
Temperature
measurement
control
000010000
SM
start temperature
measurement
VLCD control
0
0
1
VOP6 VOP5 VOP4 VOP3 VOP2 VOP1
VOP0
set VLCD register value:
0
≤ VOP ≤ 127
Grey-scale/colour command page (H2 = 0, H1 = 1, H0 =1)
Grey-scale
register control
00010000
GR1
GR0
select grey-scale register:
0
≤ GR ≤ 3
Grey-scale level
control
0010
GS5
GS4
GS3
GS2
GS1
GS0
set grey-scale register value:
0
≤ GS ≤ 63
Special feature command page (H2 = 1, H1 = 0, H0 =0)
Display off,
direct drive
mode
00000001
DOF
DM
display off; voltage multiplier
in direct drive mode
Oscillator setting
00000010
EC
OC
select external clock; start
oscillator calibration
Row block
swapping
00010
TRS
BRS
00
0
top row swap; bottom row
swap
INSTRUCTION
CONTROL
BITS(1)
COMMAND BYTE
DESCRIPTION
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com