Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8820 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF8820 Datasheet HTML 1Page - NXP Semiconductors PCF8820 Datasheet HTML 2Page - NXP Semiconductors PCF8820 Datasheet HTML 3Page - NXP Semiconductors PCF8820 Datasheet HTML 4Page - NXP Semiconductors PCF8820 Datasheet HTML 5Page - NXP Semiconductors PCF8820 Datasheet HTML 6Page - NXP Semiconductors PCF8820 Datasheet HTML 7Page - NXP Semiconductors PCF8820 Datasheet HTML 8Page - NXP Semiconductors PCF8820 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
2000 Dec 07
3
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
1
FEATURES
• Single-chip LCD controller and driver for grey-scale/
Electrically Controlled Birefringence (ECB) colour
• 4 grey levels/colours (2-bit) definable from 64 levels
• 67 row and 101 column outputs
• Display data RAM 67 × 101 × 2-bit with linear RAM
addressing
• Partial screen mode with reduced current consumption
(8 rows at top or bottom of display)
• On-chip:
– Generation of LCD supply voltage (VLCDOUT);
external supply also possible
– Configurable voltage multiplier factor of
8, 7, 6, 5, 4, 3 or 2; direct drive also possible
– Selectable linear temperature compensation
of VLCDOUT
– Generation of intermediate LCD bias voltages
– Oscillator requires no external components; external
clock also possible.
• Temperature read-out
• Fast mode I2C-bus interface (400 kbits/s)
• Frame frequency calibration via software
• Software selectable bias configuration
• Compatible with 4-bit, 8-bit or 16-bit microcontrollers
• Multiplex rates of 1 : 67 or 1 : 8
• Logic supply voltage range from 2.5 to 5.5 V
(VDD1 to VSS1)
• High voltage generator supply voltage range from
2.7 to 5.5 V (VDD2 to VSS1 and VDD3 to VSS2)
• Bias voltage generator supply voltage range
(VLCDIN to VSS1):
– From 7 to 14.5 V at a multiplex rate of 1 : 67
– From 4.5 to 14.5 V in partial screen mode at a
multiplex rate of 1 : 8.
• Low power consumption, suitable for battery operated
systems
• Slim chip layout, suitable for chip-on-glass applications
• Software selectable top and bottom row swap for
adapting driver to different glass-layouts
• CMOS compatible inputs
• Manufactured in silicon gate CMOS process.
2
APPLICATIONS
• Mobile telecommunication systems
• Battery powered equipment
• Point of sale terminals
• Instrumentation
• Automotive information systems.
3
GENERAL DESCRIPTION
The PCF8820 is a low power CMOS LCD row/column
driver, designed to drive grey-scale/ ECB colour dot matrix
graphic displays at a multiplex rate of 1 : 67. In the partial
screen mode, only 8 rows are driven at a multiplex rate of
1:8.
This chip provides all the necessary display functions,
including on-chip generation of the LCD supply voltage
and LCD bias voltages. Consequently, fewer external
components are required and the power consumption is
low.
The PCF8820 interfaces with most microcontrollers and
communicates via a two-line bidirectional bus (I2C-bus).
All inputs are CMOS compatible.
Remark: the waveform generation for ECB colour is
identical to that used for grey-scale.
4
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF8820U
−
chip with bumps in tray
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com