Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8820 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 27Page - NXP Semiconductors PCF8820 Datasheet HTML 28Page - NXP Semiconductors PCF8820 Datasheet HTML 29Page - NXP Semiconductors PCF8820 Datasheet HTML 30Page - NXP Semiconductors PCF8820 Datasheet HTML 31Page - NXP Semiconductors PCF8820 Datasheet HTML 32Page - NXP Semiconductors PCF8820 Datasheet HTML 33Page - NXP Semiconductors PCF8820 Datasheet HTML 34Page - NXP Semiconductors PCF8820 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
2000 Dec 07
31
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
IDD(tot)
total supply current into
pins VDD1, VDD2 and VDD3
Power-down mode;
VLCDIN = 8.6 V (external);
notes 2 and 3
−
0.5
10
µA
partial screen mode;
VLCDIN = 4.5 V (external);
note 3
−
15
35
µA
partial screen mode;
VLCDIN = 4.5 V (internal);
LCD load is 10
µA;
voltage multiplier factor 3;
bias system = 1/6;
notes 3 and 4
−
210
300
µA
normal mode;
VLCDIN = 8.6 V (external);
note 3
−
20
35
µA
normal mode;
VLCDIN = 8.6 V (internal);
LCD load is 10
µA;
voltage multiplier factor 5;
bias system = 1/9;
notes 3 and 4
−
430
680
µA
ILCDIN
supply current of VLCDIN
Power-down mode;
VLCDIN = 8.6 V (external);
bias system = 1/9;
VLCD control value = 28H;
bit PRS = 1;
notes 3 and 5
−
615
µA
partial screen mode;
VLCDIN = 4.5 V (external);
LCD load is 10
µA;
bias system = 1/6;
VLCD control value = 00H;
bit PRS = 0;
notes 3, 4 and 5
−
45
70
µA
normal mode;
VLCDIN = 8.6 V (external);
LCD load is 10
µA;
bias system = 1/9;
VLCD control value = 5CH;
bit PRS = 0;
notes 3, 4 and 5
−
60
95
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com