Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8820 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 15Page - NXP Semiconductors PCF8820 Datasheet HTML 16Page - NXP Semiconductors PCF8820 Datasheet HTML 17Page - NXP Semiconductors PCF8820 Datasheet HTML 18Page - NXP Semiconductors PCF8820 Datasheet HTML 19Page - NXP Semiconductors PCF8820 Datasheet HTML 20Page - NXP Semiconductors PCF8820 Datasheet HTML 21Page - NXP Semiconductors PCF8820 Datasheet HTML 22Page - NXP Semiconductors PCF8820 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
2000 Dec 07
19
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
8
INSTRUCTIONS
The PCF8820 interfaces via the I2C-bus. The clock of the
LCD is not required to process instructions.
The data received by the PCF8820 is either instruction
data which defines its operating mode or display data to be
stored in its DDRAM. The type of data is identified by
bit RS. When bit RS = 0, the PCF8820 will respond to the
instructions. When bit RS = 1, the PCF8820 will load the
data into its DDRAM.
There are four types of instruction data whose functions
are listed below:
• Define PCF8820 functions, such as display
configuration, etc.
• Set DDRAM addresses
• Perform data transfers to DDRAM
• Other functions.
In normal use, the most frequently used instructions are
those which perform data transfers to the DDRAM.
Address pointer update follows after the data byte has
been written to the DRAM. This reduces the program load
of the microcontroller.
Undefined register locations are not allowed.
The instruction set comprises several command pages.
A command page is selected by setting bits H0 to H2.
The instruction set is given in Table 2.
The bit functions are described in detail in Section 8.1.
Table 2
Instruction set
INSTRUCTION
CONTROL
BITS(1)
COMMAND BYTE
DESCRIPTION
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Independent command page (H2 = X, H1 = X, H0 = X); note 2
Write data
1
0
D7
D6
D5
D4
D3
D2
D1
D0
writes data to DDRAM
Read
temperature
01
TR7
TR6
TR5
TR4
TR3
TR2
TR1
TR0
reads sensor temperature
read-out
NOP
000000000
0
no operation
Default H2 to H0
000000000
1
jumps to function and RAM
command page
Function and RAM command page (H2 = 0, H1 = 0, H0 =0)
Instruction set
0000001
H2
H1
H0
selects a command page
Select function
000001
DO
PD
V
0
data order; power-down
control; address mode
Set Y address of
DDRAM
00010
Y4
Y3
Y2
Y1
Y0
selects Y-address of
DDRAM: 0
≤ Y ≤ 16
Set X address of
DDRAM
001
X6
X5
X4
X3
X2
X1
X0
selects X-address of
DDRAM: 0
≤ X ≤ 100
Display setting command page (H2 = 0, H1 = 0, H0 =1)
Display control
00000001
D
E
selects display mode
External display
control
0000001
MX
MY
PS
mirror X; mirror Y; partial
screen mode
Bias system
0000010
BS2
BS1
BS0
selects bias system
Bias system 1/2
000011100
BS1/2 set bias system 1/2 for partial
screen mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com