Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8820 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 23Page - NXP Semiconductors PCF8820 Datasheet HTML 24Page - NXP Semiconductors PCF8820 Datasheet HTML 25Page - NXP Semiconductors PCF8820 Datasheet HTML 26Page - NXP Semiconductors PCF8820 Datasheet HTML 27Page - NXP Semiconductors PCF8820 Datasheet HTML 28Page - NXP Semiconductors PCF8820 Datasheet HTML 29Page - NXP Semiconductors PCF8820 Datasheet HTML 30Page - NXP Semiconductors PCF8820 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
2000 Dec 07
27
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
handbook, full pagewidth
MGT128
00
01
02
a
VLCD
(V)
03
04
05
06
. . . 7D
7E
7F
00
01
02
03
04
05
06
. . . 7D
7E
7F
register
value
b
LOW(1)
HIGH(2)
Fig.20 Generated VLCDOUT set by programming VLCD control register value (bits VOP6 to VOP0).
(1) Bit PRS = 0: VLCD programming range is LOW.
(2) Bit PRS = 1: VLCD programming range is HIGH.
The programming range for the generated VLCDOUT allows
values above the maximum value of VLCD. Therefore, the
user must ensure that the VLCD control register value and
the temperature coefficient selected, will never allow the
maximum VLCD limit to be exceeded for all conditions and
including all tolerances. The customer must also ensure
that the VLCD control register value will never be lower than
VDD1 or VDD2, except in the Power-down mode, for all
conditions and including all tolerances.
8.1.8
GREY-SCALE REGISTER AND GREY-SCALE LEVEL
The PCF8820 has 4 grey-scale registers selected by bits
GR0 and GR1, which define the four grey intensity levels.
Each of the 4 registers contain 6 bits allowing to select one
out of the 64 grey levels. A grey-scale register must be
addressed before it can be written to by using the
instruction ‘Grey-scale register’ (see Table 2). The content
of the grey-scale register (bits GS5 to GS0) is set by the
instruction ‘Grey-scale level control’ (see Table 2). It
should be noted that a grey-scale register setting of 63 is
internally converted to 64. Even numbers are preferred;
odd numbers produce a small DC component in the
waveform of the respective column (see Fig.3).
The grey-scale level for each pixel is effected by writing the
resultant grey-scale register value into the DDRAM (see
Fig.6).
One of the grey-scale registers can be used to create a
blinking cursor. The intensity of the pixels comprising the
cursor are to be defined by the value in the grey-scale
register. The brightness/colour of the cursor pixels can be
changed by selecting a different grey-scale register
containing a different grey-scale value.
A blinking cursor can be effected by continuously
switching the content of one grey-scale register between
the two grey-scales from e.g. white to black and back
again with a frequency of 2 Hz giving the impression of a
blinking cursor. This procedure causes less load for the
microcontroller than changing all pixels which form the
desired cursor. This implies the display has 3 grey-scale
levels left e.g. off, grey and on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com