Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8820 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 34Page - NXP Semiconductors PCF8820 Datasheet HTML 35Page - NXP Semiconductors PCF8820 Datasheet HTML 36Page - NXP Semiconductors PCF8820 Datasheet HTML 37Page - NXP Semiconductors PCF8820 Datasheet HTML 38Page - NXP Semiconductors PCF8820 Datasheet HTML 39Page - NXP Semiconductors PCF8820 Datasheet HTML 40Page - NXP Semiconductors PCF8820 Datasheet HTML 41Page - NXP Semiconductors PCF8820 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
2000 Dec 07
38
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
21
00000001
H2 to H0 independent command:
select function and RAM command
page (H2 to H0 = 000)
22
10000000
control byte: Co = 1, RS = 0
23
00001010
function and RAM command page:
select HVGen command page
(H2 to H0 = 010)
24
10000000
control byte: Co = 1, RS = 0
25
00001000
HVGen command page: select
voltage multiplier factor 2
×
(S2 to S0 = 000)
26
10000000
control byte: Co = 1, RS = 0
27
00010010
HVGen command page: select
temperature coefficient 2
(TC2 to TC0 = 010)
28
10000000
control byte: Co = 1, RS = 0
29
00000100
HVGen command page: select
LOW VLCD programming range
(PRS = 0), HVGen off (HVE = 0)
30
10000000
control byte: Co = 1, RS = 0
31
11011011
HVGen command page: set
VLCD to 8.595 V
(VOP6 to VOP0 = 1011011)
32
10000000
control byte: Co = 1, RS = 0
33
00000001
H2 to H0 independent command:
select function and RAM command
page (H2 to H0 = 000)
34
10000000
control byte: Co = 1, RS = 0
35
00001011
function and RAM command page:
select grey-scale/colour command
page (H2 to H0 = 011)
36
10000000
control byte: Co = 1, RS = 0
37
01000000
grey-scale/colour command page:
select grey-scale register 0
(GR1 to GR0 = 00)
38
10000000
control byte: Co = 1, RS = 0
39
10000000
grey-scale/colour command page:
set grey-scale to 0
(GS5 to GS0 = 000000)
40
10000000
control byte: Co = 1, RS = 0
41
01000001
grey-scale/colour command page:
select grey-scale register 1
(GR1 to GR0 = 01)
42
10000000
control byte: Co = 1, RS = 0
STEP
SERIAL BUS BYTE
LCD
OPERATION
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com