Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8820 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 21Page - NXP Semiconductors PCF8820 Datasheet HTML 22Page - NXP Semiconductors PCF8820 Datasheet HTML 23Page - NXP Semiconductors PCF8820 Datasheet HTML 24Page - NXP Semiconductors PCF8820 Datasheet HTML 25Page - NXP Semiconductors PCF8820 Datasheet HTML 26Page - NXP Semiconductors PCF8820 Datasheet HTML 27Page - NXP Semiconductors PCF8820 Datasheet HTML 28Page - NXP Semiconductors PCF8820 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
2000 Dec 07
25
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
Table 5
Programming the required bias system
Table 6
Examples of LCD bias voltages
BS2
BS1
BS0
BS1/2
n
BIAS SYSTEM
COMMENT
00
0
0
7
1/11
00
1
0
6
1/10
01
0
0
5
1/9
recommended at multiplex rate 1 : 67
01
1
0
4
1/8
10
0
0
3
1/7
10
1
0
2
1/6
11
0
0
1
1/5
11
1
0
0
1/4
recommended at multiplex rate 1 : 8
XX
X
1
−2
1/2
allows a lower VLCDIN at multiplex rate 1 : 8
BIAS VOLTAGE
LEVEL ON PAD
CALCULATING BIAS
VOLTAGE
BIAS SYSTEM
1/9 (n = 5)
1/4 (n = 0)
1/2 (n = −2)
VLCDOUT
VLCDIN
VLCDIN
VLCDIN
VLCDIN
V2
8/9 × VLCDIN
3/4 × VLCDIN
1/2 × VLCDIN
V3
7/9 × VLCDIN
1/2 × VLCDIN
VSS1
V4
2/9 × VLCDIN
1/2 × VLCDIN
VLCDIN
V5
1/9 × VLCDIN
1/4 × VLCDIN
1/2 × VLCDIN
VSS1
VSS1
VSS1
VSS1
VSS1
n3
+
n4
+
-------------
V
LCDIN
×
n2
+
n4
+
-------------
V
LCDIN
×
2
n4
+
-------------
V
LCDIN
×
1
n4
+
-------------
V
LCDIN
×
8.1.5
HIGH VOLTAGE GENERATOR CONFIGURATION
The PCF8820 incorporates a software configurable
voltage multiplier which uses a charge pump circuit
supplied by VDD2 and VDD3. After a reset the voltage
multiplier factor is set to 2 (VLCDOUT =2 × VDD2). Other
voltage multiplier factors are set by bits S2 to S0.
To reduce high current peaks at voltage multiplier start-up,
it is recommended that the voltage multiplier is switched on
using the following procedure:
1. Set bit DM = 1 and bit PD = 1
2. Set multiplication factor to 2 by setting bits S2 to S0 to
logic 0
3. Set register value VOP to the desired value,
bit PRS = 1 and bit HVE = 1
4. Set bit PD = 0, which switches on the charge pump
(at multiplication factor 2)
5. Increment the multiplication factor to the desired value
for VLCDOUT using bits S2 to S0.
8.1.6
TEMPERATURE READ-OUT
The PCF8820 has a built-in temperature sensor. At the
end of a temperature measurement, the sensor writes a
temperature value to the status register. The temperature
value is an 8-bit number represented by bits TR7 to TR0 in
the status register which can be read via the I2C-bus.
To save power, the sensor need only be enabled when a
measurement is required. A measurement is initialized by
setting bit SM = 1 which will be automatically cleared after
5 clock cycles (from internal oscillator or external clock).
The internal oscillator will be initialized and allowed to
warm-up for approximately 2 frame periods, after which a
measurement will be initiated at the start of the next frame
and completing after 2 frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com