Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM62A7 Datasheet(PDF) 215 Page - Texas Instruments

Part # AM62A7
Description  AM62Ax Sitara™ Processors
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM62A7 Datasheet(HTML) 215 Page - Texas Instruments

Back Button AM62A7 Datasheet HTML 211Page - Texas Instruments AM62A7 Datasheet HTML 212Page - Texas Instruments AM62A7 Datasheet HTML 213Page - Texas Instruments AM62A7 Datasheet HTML 214Page - Texas Instruments AM62A7 Datasheet HTML 215Page - Texas Instruments AM62A7 Datasheet HTML 216Page - Texas Instruments AM62A7 Datasheet HTML 217Page - Texas Instruments AM62A7 Datasheet HTML 218Page - Texas Instruments AM62A7 Datasheet HTML 219Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 238 page
background image
The OSPI module is used to transfer data, either in a memory mapped direct mode (for example a processor
wishing to execute code directly from external flash memory), or in an indirect mode where the module is
set-up to silently perform some requested operation, signaling its completion via interrupts or status registers.
For indirect operations, data is transferred between system memory and external flash memory via an internal
SRAM which is loaded for writes and unloaded for reads by a device controller at low latency system speeds.
Interrupts or status registers are used to identify the specific times at which this SRAM should be accessed using
user programmable configuration registers.
For more information, see Octal Serial Peripheral Interface (OSPI) section in Peripherals chapter in the device
TRM.
8.5.18 Timers
All timers include specific functions to generate accurate tick interrupts to the operating system.
For more information, see Timers section in Peripherals chapter in the device TRM.
8.5.19 Universal Asynchronous Receiver/Transmitter (UART)
The UART is a peripheral that utilizes the DMA for data transfer or interrupt polling via host CPU. All UART
modules support IrDA and CIR modes when 48 MHz function clock is used. Each UART can be used for
configuration and data exchange with a number of external peripheral devices or interprocessor communication
between devices.
For more information, see Universal Synchronous/Asynchronous Receiver/Transmitter section in Peripherals
chapter in the device TRM.
8.5.20 Universal Serial Bus Subsystem (USBSS)
USB (Universal Serial Bus) provides a low-cost connectivity solution for numerous consumer portable devices by
implementing a mechanism for data transfer between USB devices.
The device instantiates two independent instances of a third-party USB subsystem (USB2SS) operating at up
to USB2.0 speeds (480Mb/s), either of which can be independently configured to act as a USB Host or a USB
Device.
For more information, see Universal Serial Bus Subsystem section in Peripherals chapter in the device TRM.
www.ti.com
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1
SPRSP77A – MARCH 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
215
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com