| Electronic Components Datasheet Search |
|
AM62A7 Datasheet(PDF) 54 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM62A7 Datasheet(HTML) 54 Page - Texas Instruments |
|
54 / 238 page ![]() Table 6-16. EPWM0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMB PIN [4] EHRPWM0_A IO EHRPWM Output A B21, D16, Y8 EHRPWM0_B IO EHRPWM Output B A21, AA7, C16 EHRPWM0_SYNCI I Sync Input to EHRPWM module from an external pin AB8, C17 EHRPWM0_SYNCO O Sync Input to EHRPWM module from an external pin E17, W9 Table 6-17. EPWM1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMB PIN [4] EHRPWM1_A IO EHRPWM Output A A17, B18, Y7 EHRPWM1_B IO EHRPWM Output B AB6, B15, B20 Table 6-18. EPWM2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMB PIN [4] EHRPWM2_A IO EHRPWM Output A AB7, C17, E14 EHRPWM2_B IO EHRPWM Output B D15, E17, Y6 6.3.9 EQEP 6.3.9.1 MAIN Domain Table 6-19. EQEP0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMB PIN [4] EQEP0_A (1) I EQEP Quadrature Input A C19 EQEP0_B (1) I EQEP Quadrature Input B B19 EQEP0_I (1) IO EQEP Index B20 EQEP0_S (1) IO EQEP Strobe B18 (1) This EQEP input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device Configuration chapter. Table 6-20. EQEP1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMB PIN [4] EQEP1_A (1) I EQEP Quadrature Input A A19 EQEP1_B (1) I EQEP Quadrature Input B A20 EQEP1_I (1) IO EQEP Index A21 EQEP1_S (1) IO EQEP Strobe B21 (1) This EQEP input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device Configuration chapter. Table 6-21. EQEP2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMB PIN [4] EQEP2_A (1) I EQEP Quadrature Input A AB21, D17 EQEP2_B (1) I EQEP Quadrature Input B AB20, E16 EQEP2_I (1) IO EQEP Index AA18, B17, R17 EQEP2_S (1) IO EQEP Strobe C18, K18, W17 (1) This EQEP input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device Configuration chapter. AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1 SPRSP77A – MARCH 2023 – REVISED AUGUST 2023 www.ti.com 54 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |